Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2125VH1021 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2125VH1021
Description  Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2125VH1021 Datasheet(HTML) 1 Page - Schneider Electric

  QO2125VH1021 Datasheet HTML 1Page - Schneider Electric QO2125VH1021 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO2125VH1021
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug
in, Shunt Trip
Price** : 1,223.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
125 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Options
Shunt trip 120/208/240 V AC
Complementary
Inturrupt Rating
22 kA 120/240 V AC 50/60 Hz
22 kA 120 V AC 50/60 Hz
Number of Panel Spaces
3
Wire Size
AWG 4...300 kcmil copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
57.15 mm (2.25 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 20, 2019
1


Similar Part No. - QO2125VH1021

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2125VH1042 SCHNEIDER-QO2125VH1042 Datasheet
56Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
More results

Similar Description - QO2125VH1021

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO21251021 SCHNEIDER-QO21251021 Datasheet
147Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 6, 2019
QO260VH1021 SCHNEIDER-QO260VH1021 Datasheet
149Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
Dec 16, 2019
QO2100VH1021 SCHNEIDER-QO2100VH1021 Datasheet
146Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
Dec 16, 2019
QO215VH1042 SCHNEIDER-QO215VH1042 Datasheet
56Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
Dec 20, 2019
QO220VH1021 SCHNEIDER-QO220VH1021 Datasheet
153Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
Dec 20, 2019
QO225VH1042 SCHNEIDER-QO225VH1042 Datasheet
56Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
Dec 20, 2019
QO2125VH1042 SCHNEIDER-QO2125VH1042 Datasheet
56Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
QO280VH1042 SCHNEIDER-QO280VH1042 Datasheet
57Kb / 2P
Mini CB, QO, 80 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
QO290VH1042 SCHNEIDER-QO290VH1042 Datasheet
57Kb / 2P
Mini CB, QO, 90 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
Dec 30, 2019
QO21251042 SCHNEIDER-QO21251042 Datasheet
64Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com