Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2125VH1200 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2125VH1200
Description  Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2125VH1200 Datasheet(HTML) 1 Page - Schneider Electric

  QO2125VH1200 Datasheet HTML 1Page - Schneider Electric QO2125VH1200 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO2125VH1200
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug
in, Aux Switch 1A
Price** : 1,166.00 USD
Discontinued
QO2125VH1200 has not been replaced. Please contact your
customer care center for more information.
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
125 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Options
Auxiliary switch 120 V AC 1A
Complementary
Inturrupt Rating
22 kA 120/240 V AC 50/60 Hz
22 kA 120 V AC 50/60 Hz
Number of Panel Spaces
3
Wire Size
AWG 4...300 kcmil copper or aluminium
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
57.15 mm (2.25 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 20, 2019
1


Similar Part No. - QO2125VH1200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2125VH1201 SCHNEIDER-QO2125VH1201 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1B
More results

Similar Description - QO2125VH1200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO215VH1200 SCHNEIDER-QO215VH1200 Datasheet
111Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO220VH1200 SCHNEIDER-QO220VH1200 Datasheet
111Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO225VH1200 SCHNEIDER-QO225VH1200 Datasheet
111Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO230VH1200 SCHNEIDER-QO230VH1200 Datasheet
111Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO240VH1200 SCHNEIDER-QO240VH1200 Datasheet
111Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO260VH1200 SCHNEIDER-QO260VH1200 Datasheet
111Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
QO2100VH1200 SCHNEIDER-QO2100VH1200 Datasheet
128Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO2125VH1201 SCHNEIDER-QO2125VH1201 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1B
QO290VH1200 SCHNEIDER-QO290VH1200 Datasheet
111Kb / 2P
Mini CB, QO, 90 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
Dec 30, 2019
QO21251200 SCHNEIDER-QO21251200 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com