Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2125VH2100 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2125VH2100
Description  Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2125VH2100 Datasheet(HTML) 1 Page - Schneider Electric

  QO2125VH2100 Datasheet HTML 1Page - Schneider Electric QO2125VH2100 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO2125VH2100
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug
in, Alarm Switch
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 1,166.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
125 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Options
Alarm switch 120 V AC 1A
Complementary
Inturrupt Rating
22 kA 120/240 V AC 50/60 Hz
22 kA 120 V AC 50/60 Hz
Number of Panel Spaces
3
Wire Size
AWG 4...300 kcmil copper or aluminium
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
57.15 mm (2.25 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 20, 2019
1


Similar Part No. - QO2125VH2100

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2125VH SCHNEIDER-QO2125VH Datasheet
121Kb / 3P
QO mini breaker, 125 A, 2 pole, 120/240 V, 22 kA, plug in
QO2125VH1021 SCHNEIDER-QO2125VH1021 Datasheet
141Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
QO2125VH1042 SCHNEIDER-QO2125VH1042 Datasheet
56Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
QO2125VH1200 SCHNEIDER-QO2125VH1200 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
QO2125VH1201 SCHNEIDER-QO2125VH1201 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1B
More results

Similar Description - QO2125VH2100

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO215VH2100 SCHNEIDER-QO215VH2100 Datasheet
152Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
Dec 20, 2019
QO220VH2100 SCHNEIDER-QO220VH2100 Datasheet
152Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
Dec 20, 2019
QO225VH2100 SCHNEIDER-QO225VH2100 Datasheet
152Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
Dec 20, 2019
QO230VH2100 SCHNEIDER-QO230VH2100 Datasheet
152Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
Dec 20, 2019
QO240VH2100 SCHNEIDER-QO240VH2100 Datasheet
152Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
Dec 20, 2019
QO2100VH2100 SCHNEIDER-QO2100VH2100 Datasheet
153Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
QO270VH2100 SCHNEIDER-QO270VH2100 Datasheet
152Kb / 2P
Mini CB, QO, 70 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
Dec 30, 2019
QO280VH2100 SCHNEIDER-QO280VH2100 Datasheet
153Kb / 2P
Mini CB, QO, 80 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
Dec 30, 2019
QO290VH2100 SCHNEIDER-QO290VH2100 Datasheet
153Kb / 2P
Mini CB, QO, 90 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
Dec 30, 2019
QO21252100 SCHNEIDER-QO21252100 Datasheet
153Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com