Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T81SM6E Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41T81SM6E
Description  Serial Access Real-Time Clock with Alarms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81SM6E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41T81SM6E Datasheet HTML 17Page - STMicroelectronics M41T81SM6E Datasheet HTML 18Page - STMicroelectronics M41T81SM6E Datasheet HTML 19Page - STMicroelectronics M41T81SM6E Datasheet HTML 20Page - STMicroelectronics M41T81SM6E Datasheet HTML 21Page - STMicroelectronics M41T81SM6E Datasheet HTML 22Page - STMicroelectronics M41T81SM6E Datasheet HTML 23Page - STMicroelectronics M41T81SM6E Datasheet HTML 24Page - STMicroelectronics M41T81SM6E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21/29
M41T81S
Table 9. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 5.5V (except where noted).
2. For IRQ/FT/OUT/SQW pin (Open Drain)
3. STMicroelectronics recommends the RAYOVAC BR1225 or BR1632 (or equivalent) as the battery supply.
4. For rechargeable back-up, VBAT (max) may be considered to be VCC.
Table 10. Crystal Electrical Characteristics
Note: 1. Externally supplied if using the SO8 package. STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, Tuning Fork
Type (thru-hole) or the DMX-26S: 1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations. KDS can be con-
tacted at kouhou@kdsj.co.jp or http://www.kdsj.co.jp for further information on this crystal type.
2. Load capacitors are integrated within the M41T81S. Circuit board layout considerations for the 32.768kHz crystal of minimum trace
lengths and isolation from RF generating signals should be taken into account.
3. For applications requiring back-up supply operation below 2.5V, RS (max) should be considered 40kΩ.
Sym
Parameter
Test Condition(1)
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
Supply Current
Switch Freq = 400kHz
400
µA
ICC2
Supply Current (standby)
SCL = 0Hz
All Inputs
≥ VCC – 0.2V
≤ VSS + 0.2V
100
µA
VIL
Input Low Voltage
–0.3
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 3.0mA
0.4
V
Output Low Voltage (Open Drain)(2)
IOL = 10mA
0.4
V
Pull-up Supply Voltage (Open Drain)
IRQ/OUT/FT/SQW
5.5
V
VBAT
(3)
Back-up Supply Voltage
2.0
3.5(4)
V
IBAT
Battery Supply Current
TA = 25°C, VCC = 0V
Oscillator ON, VBAT = 3V
0.6
1
µA
Sym
Parameter(1,2)
Min
Typ
Max
Units
fO
Resonant Frequency
32.768
kHz
RS
Series Resistance
60(3)
k
Ω
CL
Load Capacitance
12.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com