Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2640 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2640
Description  Two-phase Unipolar DC Brushless Motor Pre-Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2640 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2640 Datasheet HTML 1Page - New Japan Radio NJM2640 Datasheet HTML 2Page - New Japan Radio NJM2640 Datasheet HTML 3Page - New Japan Radio NJM2640 Datasheet HTML 4Page - New Japan Radio NJM2640 Datasheet HTML 5Page - New Japan Radio NJM2640 Datasheet HTML 6Page - New Japan Radio NJM2640 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NJM2640
-7 -
There are two methodologies to consume kick back voltage:
1) By insertion of ZD1 (zenner diode connected between Base and Emitter of TR1)
Energy of kick back voltage is consumed by TR1(or TR2). When ZD1 is in operation, Collector
voltage is sum of Vbe and ZD1. Therefore, breakdown voltage of ZD1 must be lower than that of
TR1.
2) By insertion of ZD2 (zenner diode connected between Collector and Emitter of TR1)
Energy of kick back voltage is consumed by ZD2. To protect TR1, breakdown voltage of ZD2 must be
lower than that of TR1.
This method is generally used when Energy of kick back voltage is large. In such application, power
rating of ZD must take in consideration.
6. VCC input (Design of Ra and Ca)
Ra and Ca must be used if VCC exceeds operating voltage range of NJM2640.
Example) VCC 60V Application
Given that current consumption of NJM2640 is 4mA (at VCC=48V), Ra is given by:
Ca is used if NJM2640 is oscillated or shows unstable operation. A typical value Ca is from 0.01
µF to
0.1
µF. A ceramic type is recommended and it must be place near VCC and Gnd.
Inserting Ra and Ca also improves ESD immunity.
7. Protection from active power on and off (D2)
If an application requires active power on and off, TR1 (TR2) may be damaged or resulted in
destruction.
In such application, adding diode between motor winding and Gnd will reduce the damage.
Ω
=
×
−
=
−
k
Ra
3
10
4
48
60
3
The specifications on this data book are
only given for information, without any
guarantee as regards either mistakes or
omissions. The application circuit in this
data book are described only to show
representative usages of the product
and not intended for the guarantee or
permission of any right including the
industrial rights.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com