Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR6035 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # MBR6035
Description  SCHOTTKY DIODES STUD TYPE 60 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

MBR6035 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  MBR6035 Datasheet HTML 1Page - TRANSYS Electronics Limited MBR6035 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Te mperature -
Figure .2- Forward Derating Curve
0
180
30
60
90
120
0
20
150
1
100
4
100
200
8
Figure
Peak Forward Surge Current
Number Of Cycles At 60Hz - Cycles
Cycles
2
6
10
20
60 80
40
Figure .4-Typical Reverse Characteristics
300
400
500
600
700
30
50
10
MBR6020( R ) THRU MBR60100(R)
40
60
Reverse Voltage - Volts
Volts
Tj =125 C
T
J =25
T
J =75
Tj =150 C
40
60
200
100
.1
.2
.4
.6
1
2
4
6
10
20
400
600
.04
.06
1000
.01
.02
Instantaneous Forward Voltage - Volts
Figure .1-Typical Forward Characteristics
Volts
0
0.2
0.4
0.6
0.8
1.0
1.2
10
20
6.0
40
60
100
1.0
2.0
4.0
MBR6080(R)~
MBR60100(R)
MBR6020(R)~
MBR6045(R)
MBR6060(R)
T
J =25
.3-
10
20
30
40
0
50
60
70
80
90
100
8.3ms Single Half
Sine Wave
JEDEC method T
J =25
Single Phase, Half Wave
60Hz Resistive or Inductive Load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com