Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR18UB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR18UB
Description  SmartRack 18U Mid-Depth Rack Enclosure Cabinet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR18UB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR18UB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR18UB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR18UB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SmartRack 18U Mid-Depth Rack Enclosure
Cabinet
MODEL NUMBER: SR18UB
Description
Tripp Lite’s SmartRack 18U Mid-Depth Rack Enclosure Cabinet is packed with features designed to
simplify rack equipment installations and rack equipment maintenance: top and bottom cable routing
ports, perforated door and side panels to promote efficient airflow, adjustable vertical mounting rails and
more. And as part of the SmartRack family, the SR18UB is compatible with Tripp Lite’s extensive range of
rackmount accessories, enabling you to customize your solution to meet any requirement. The SR18UB
ships fully assembled for quick installation and comes with a 5-year warranty.
The SR18UB is compatible with all standard 19-inch rack equipment and features front and rear pairs of
vertical rails with square mounting holes. The rails are adjustable in quarter-inch increments to
accommodate equipment depths from 3 to 32.5 inches, ideal for standard server installation. The rails
feature square mounting holes and are capable of supporting up to 1,000 lbs of equipment with included
installation hardware. Each rack space within the enclosure is numbered for easy reference.
With a locking, reversible front/rear doors and locking, removable side panels, the SR18UB provides safe,
secure installation for all equipment. This prevents unauthorized access to installed equipment while
making it easy for authorized personnel to perform inspections, maintenance and equipment replacement.
The enclosure meets all requirements toward PCI DSS compliance.
The top and bottom panels of the SR18UB are furnished with vents designed to help remove warm air
from the enclosure and draw in cool air by convection. They also support installation of standard user-
supplied case fans (Tripp Lite SRFANWM). The top and bottom panels are also provided with ports for
cable routing.
To simplify deployment, the SR18UB comes with an accessory caster kit consisting of 4 casters and all
required installation hardware. With casters installed, the SR18UB can easily be maneuvered into to
Highlights
18U with adjustable front and
rear vertical rackmount rails
q
Depth of 33" allow for standard
server installation
q
Locking, reversible front/rear
doors and locking, removable
side panels
q
Fully assembled for quick
installation
q
Casters and leveling feet
q
Meets all enclosure
requirements towards PCI DSS
(Payment Card Industry Data
Security Standard) compliance
q
Package Includes
SmartRack 18U Mid-Depth
Rack Enclosure Cabinet
q
(42) M6 screws
q
(42) M6 cage nuts
q
(42) M6 washers
q
(4) Casters
q
(4) Levelers
q
(2) keys
q
Owner's Manual
q
1 / 3


Similar Part No. - SR18UB

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR18 MOSPEC-SR18 Datasheet
220Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
logo
Bytes
SR180 BYTES-SR180 Datasheet
153Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SR180 DCCOM-SR180 Datasheet
432Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR180 FORMOSA-SR180 Datasheet
33Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SR180 ETC1-SR180 Datasheet
48Kb / 1P
SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
More results

Similar Description - SR18UB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBKD TRIPPLITE-SR25UBKD Datasheet
493Kb / 3P
25U SmartRack Knock-Down Standard-Depth Rack Enclosure Cabinet Kit
SR42UBMD TRIPPLITE-SR42UBMD Datasheet
515Kb / 4P
42U SmartRack Mid-Depth Rack Enclosure Cabinet with doors & side panels
SR45UBMD TRIPPLITE-SR45UBMD Datasheet
515Kb / 4P
45U SmartRack Mid-Depth Rack Enclosure Cabinet with doors and side panels
SRW9U TRIPPLITE-SRW9U Datasheet
527Kb / 3P
SmartRack 9U Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW18US TRIPPLITE-SRW18US Datasheet
505Kb / 3P
SmartRack 18U Hinged Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW18US13 TRIPPLITE-SRW18US13 Datasheet
522Kb / 2P
SmartRack 18U Slim Wall-Mount Standard-Depth Rack Enclosure Cabinet
SRW18USDP TRIPPLITE-SRW18USDP Datasheet
534Kb / 3P
SmartRack 18U UPS-Depth Wall-Mount Rack
SRW18USDPG TRIPPLITE-SRW18USDPG Datasheet
538Kb / 3P
SmartRack 18U UPS-Depth Wall-Mount Rack Enclosure Cabinet with Clear Acrylic Window, Hinged Back
SRW18UHD TRIPPLITE-SRW18UHD Datasheet
194Kb / 3P
SmartRack 18U Heavy-Duty Low-Profile Server-Depth Side-Mount Wall-Mount Rack Enclosure Cabinet
SR2000 TRIPPLITE-SR2000 Datasheet
159Kb / 3P
SmartRack 42U Value Series Standard-Depth Rack Enclosure Cabinet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com