Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX802LH Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MX802LH
Description  DVSR CODEC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX802LH Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MX802LH Datasheet HTML 3Page - List of Unclassifed Manufacturers MX802LH Datasheet HTML 4Page - List of Unclassifed Manufacturers MX802LH Datasheet HTML 5Page - List of Unclassifed Manufacturers MX802LH Datasheet HTML 6Page - List of Unclassifed Manufacturers MX802LH Datasheet HTML 7Page - List of Unclassifed Manufacturers MX802LH Datasheet HTML 8Page - List of Unclassifed Manufacturers MX802LH Datasheet HTML 9Page - List of Unclassifed Manufacturers MX802LH Datasheet HTML 10Page - List of Unclassifed Manufacturers MX802LH Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DVSR CODEC
7
MX802
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480033.008
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Recommended External Component Notes:
1.
Xtal circuitry shown in inset is in accordance with the MX-COM Standard and DBS 800 Crystal
Application Note.
2.
External Xtal circuitry is not applicable to the 24-pin/lead version of this device. Only an externally
derived clock input can be used.
3.
Functions whose pins are marked with and asterisk (*) in Figure 2 are not available on the 24-pin/lead
versions of this device. Pin numbers illustrated are for 28-pin versions.
4.
Table 5 details the actual encoder/decoder sample rates available using the Xtal frequencies
recommended above.
5.
Resistor R1 is used as the DBS800 system common pull-up for the C-BUS Interrupt Request IRQ line.
The optimum value will depend on the circuitry connected to the IRQ . Up to 8 peripherals may be
connected to this line.
6.
Recommended DRAM parameters:
256kbit x 1 or 1Mbit x 1 Dynamic Random Access Memory with
"
RAS
before
CAS
"
refresh mode.
Maximum Row address time = .200us.
Example DRAM types:
256kbit (262,144 bits)
Texas Instruments (TMS4256-20)
Hitachi (HM51256-15)
1Mbit (1,048,576 bits)
Texas Instruments (TMS4C1024-15)
Hitachi (HM511000-15)
7.
Figure 2 shows connections to 4x1 Mbit sections of DRAM. If desired, to simplify PCB layout, the DRAM
inputs A0-A8 may be connected in any order to the MX802 DVSR Codec output pins A0-A8.
Connections to 256kbit DRAM are similar, but A9 I left unconnected.
8.
When using the MX802 “stand alone” 9Direct Access), no DRAM sections should be connected.
4
General Description
The MX802 Data/Voice Storage and Retrieval (DVSR) Codec contains a Continuously Variable Slope Delta
Modulation (CVSD) encoder and decoder as well as control and timing circuitry for up to 4Mbits of external
DRAM. As a member of the DBS800 series, it also contains interface and control logic for the “C-BUS” serial
interface.
When used with external DRAM, theMX802 had four primary functions: Speech Storage, Speech layback,
Data Storage, and Data Retrieval. The Speech Storage and Playback may be performed concurrently with
data storage or retrieval.
Speech Storage:
Speech signals present at the Audio Input may be digitized by the CVSD encoder. The
resulting bit stream is stored in DRAM. This process also provides readings of the
speech signal power level. These readings are used by the system microcontroller for
pause reduction.
Speech Playback:
Digitized speech may be read from DRAM and converted back into analog from by the
CVSD decoder.
Data Storage:
Digital data derived via the C-BUS from the Modem or system data may be stored in
DRAM.
Data Playback:
Digital data may be read from DRAM and sent over the C-BUS to the system
microcontroller.
On-chip the Delta Codec is supported by input and output analog switched-capacitor filters and audio output
switching circuitry. The DRAM control and timing circuitry provides all the necessary address, control, and
refresh signals to interface to external DRAM.
The MX802 may also be used without DRAM (as a “stand alone” CVSD Codec), in which case direct access
is provided to the CVSD Codec digital data and clock signals. All signals are controlled by “C-BUS”
commands from the system microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com