Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2280271 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2280271
Description  Interface module - DFLK 40
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2280271 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2280271 Datasheet HTML 1Page - PHOENIX CONTACT 2280271 Datasheet HTML 2Page - PHOENIX CONTACT 2280271 Datasheet HTML 3Page - PHOENIX CONTACT 2280271 Datasheet HTML 4Page - PHOENIX CONTACT 2280271 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2280271
12/18/2019   Page 1 / 5
Interface module - DFLK 40 - 2280271
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
The VARIOFACE feed-through module implements a 1:1 connection between screw connection terminal
blocks and an IDC/FLK pin strip (2.54 mm, number of positions: 40).
Key Commercial Data
Packing unit
5 pc
GTIN
GTIN
4017918054380
Technical data
Note
Note
Do not connect adjacent channels to SELV/ PELV and voltages
dangerous to the touch.
At least one functional insulation against adjacent modules is complied
with (in the support rail direction). If the application has stricter
requirements for the insulation (basic insulation or reinforced insulation),
they must be realized by applying suitable measures (e. g. partition
plates).
Dimensions
Width
40 mm
Height
128.5 mm
Depth
47.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Maximum altitude
≤ 2000 m
Degree of protection
IP20
≥ IP54 (Installation location)
General


Similar Part No. - 2280271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2280239 PHOENIX-2280239 Datasheet
109Kb / 8P
Interface module - DFLK 16
09/12/2020
2280242 PHOENIX-2280242 Datasheet
109Kb / 8P
Interface module - DFLK 20
09/12/2020
logo
TE Connectivity Ltd
228025-1 TEC-228025-1 Datasheet
312Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
PHOENIX CONTACT
2280255 PHOENIX-2280255 Datasheet
109Kb / 8P
Interface module - DFLK 26
09/12/2020
2280268 PHOENIX-2280268 Datasheet
97Kb / 5P
Interface module - DFLK 34
More results

Similar Description - 2280271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2280268 PHOENIX-2280268 Datasheet
97Kb / 5P
Interface module - DFLK 34
2280284 PHOENIX-2280284 Datasheet
97Kb / 5P
Interface module - DFLK 50
2280297 PHOENIX-2280297 Datasheet
102Kb / 6P
Interface module - DFLK-D15 SUB/S
2280307 PHOENIX-2280307 Datasheet
101Kb / 6P
Interface module - DFLK-D15 SUB/B
2291286 PHOENIX-2291286 Datasheet
101Kb / 6P
Interface module - DFLK-D50 SUB/S
2903039 PHOENIX-2903039 Datasheet
152Kb / 4P
Interface module - DFLK 26/FKCT
2903042 PHOENIX-2903042 Datasheet
136Kb / 4P
Interface module - DFLK 40/FKCT
2280239 PHOENIX-2280239 Datasheet
109Kb / 8P
Interface module - DFLK 16
09/12/2020
2280242 PHOENIX-2280242 Datasheet
109Kb / 8P
Interface module - DFLK 20
09/12/2020
2280255 PHOENIX-2280255 Datasheet
109Kb / 8P
Interface module - DFLK 26
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com