Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6685 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM6685
Description  DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 8Page - STMicroelectronics PM6685 Datasheet HTML 9Page - STMicroelectronics PM6685 Datasheet HTML 10Page - STMicroelectronics PM6685 Datasheet HTML 11Page - STMicroelectronics PM6685 Datasheet HTML 12Page - STMicroelectronics PM6685 Datasheet HTML 13Page - STMicroelectronics PM6685 Datasheet HTML 14Page - STMicroelectronics PM6685 Datasheet HTML 15Page - STMicroelectronics PM6685 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
6 Package Mechanical Data
PM6685
14/16
Table 7.
VFQFPN 5x5x1.0 32L Pitch 0.50
1. – VFQFPN stands for Thermally Enhanced Very thin Fine pitch Quad Flat Package No lead.
___Very thin: A = 1.00mm Max.
2. – The leads size have been increased by Pb/Sn thickness in tin plating electrolytic process.
3. – Dimensions D & E do not include mold protusion, not to exceed 0,15mm.
4. – Package outline exclusive of metal burr dimensions.
5. – Dimensions D2 & E2 are not in accordance with JEDEC.
Figure 4.
Scheme Drawings
Dim.
Databook (mm.)
Drawing (mm.)
Min.
Typ.
Max
Min.
Typ.
Max
A
0.80
0.90
1.00
0.80
1.00
A1
0
0.02
0.05
0
0.05
A3
0.20
0.25
b
0.18
0.25
0.30
0.225
0.275
D(3)
4.85
5.00
5.15
4.90
5.00
5.10
D2(5)
3.65
3.95
3.65
3.95
E(3)
4.85
5.00
5.15
4.90
5.00
5.10
E2(5)
3.65
3.95
3.65
3.95
e
0.50
0.50
L
0.30
0.40
0.50
0.35
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com