Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03060WAS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH03060WAS
Description  10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03060WAS Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH03060WAS Datasheet HTML 3Page - Texas Instruments PTH03060WAS Datasheet HTML 4Page - Texas Instruments PTH03060WAS Datasheet HTML 5Page - Texas Instruments PTH03060WAS Datasheet HTML 6Page - Texas Instruments PTH03060WAS Datasheet HTML 7Page - Texas Instruments PTH03060WAS Datasheet HTML 8Page - Texas Instruments PTH03060WAS Datasheet HTML 9Page - Texas Instruments PTH03060WAS Datasheet HTML 10Page - Texas Instruments PTH03060WAS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
Adjusting the Output Voltage of the PTH03060W &
PTH05060W Wide-Output Adjust Power Modules
The Vo Adjust control (pin 4) sets the output voltage of the
PTH03060W and PTH05060W products to a value higher
than 0.8 V. The adjustment range of the PT03060W
(3.3-V input) is from 0.8 V to 2.5 V 1, and the PTH05060W
(5-V input) from 0.8 V to 3.6 V. For an output voltage
other than 0.8 V a single external resistor, Rset, must be
connected directly between the Vo Adjust and GND pins 2.
Table 1-1 gives the preferred value of the external resistor
for a number of standard voltages, along with the actual
output voltage that this resistance value provides.
For other output voltages the value of the required resistor
can either be calculated using the following formula, or
simply selected from the range of values given in Table 1-2.
Figure 1-1 shows the placement of the required resistor.
Rset
= 10 k
Ω ·
0.8 V
– 2.49 k
Ω
Vout – 0.8 V
Figure 1-1; Vo Adjust Resistor Placement
Notes:
1. Modules that operate from a 3.3-V input bus should
not be adjusted higher than 2.5 V.
2. Use a 0.1 W resistor. The tolerance should be 1 %, with
temperature stability of 100 ppm/°C (or better). Place
the resistor as close to the regulator as possible. Connect
the resistor directly between pins 4 and 7 using dedicated
PCB traces.
3. Never connect capacitors from Vo Adjust to either GND or
Vout. Any capacitance added to the Vo Adjust pin will affect
the stability of the regulator.
0.800
Open
0.825318 k
Ω
0.850
158 k
Ω
0.875104 k
Ω
0.900
77.5 k
Ω
0.92561.5
k
Ω
0.950
50.8 k
Ω
0.97543.2 k
Ω
1.000
37.5 k
Ω
1.02533.1 k
Ω
1.050
29.5 k
Ω
1.07526.6 k
Ω
1.100
24.2 k
Ω
1.12522.1 k
Ω
1.150
20.4 k
Ω
1.17518.8 k
Ω
1.200
17.5 k
Ω
1.22516.3 k
Ω
1.250
15.3 k
Ω
1.27514.4 k
Ω
1.300
13.5 k
Ω
1.32512.7 k
Ω
1.350
12.1 k
Ω
1.37511.4 k
Ω
1.400
10.8 k
Ω
1.42510.3 k
Ω
1.450
9.82 k
Ω
1.4759.36 k
Ω
1.50
8.94 k
Ω
1.55
8.18 k
Ω
1.60
7.51 k
Ω
1.656.92 k
Ω
1.70
6.4 k
Ω
1.755
.93 k
Ω
1.80
5.51 k
Ω
1.855
.13 k
Ω
1.90
4.78 k
Ω
1.954.47 k
Ω
Vout (Standard)
Rset (Pref’d Value)
Vout (Actual)
3.3 V 1
698
Ω
3.309V
2.5 V
2.21 k
Ω
2.502 V
2 V
4.12 k
Ω
2.010 V
1.8 V
5.49 k
Ω
1.803 V
1.5 V
8.87 k
Ω
1.504 V
1.2 V
17.4 k
Ω
1.202 V
1 V
36.5 k
Ω
1.005 V
0.8 V
Open
0.8 V
Table 1-1; Preferred Values of Rset for Standard Output Voltages
PTH03060W & PTH05060W
Table 1-2; Output Voltage Set-Point Resistor Values
Va Req’dRset
Va Req’dRset
2.00
4.18 k
Ω
2.053.91 k
Ω
2.10
3.66 k
Ω
2.153.44 k
Ω
2.20
3.22 k
Ω
2.253.03 k
Ω
2.30
2.84 k
Ω
2.352.67 k
Ω
2.40
2.51 k
Ω
2.452.36 k
Ω
2.50
2.22 k
Ω
2.55
2.08 k
Ω
2.60
1.95 k
Ω
2.651.83 k
Ω
2.70
1.72 k
Ω
2.751.61 k
Ω
2.80
1.51 k
Ω
2.851.41 k
Ω
2.90
1.32 k
Ω
2.951.23 k
Ω
3.00
1.15 k
Ω
3.051.07 k
Ω
3.10
988
Ω
3.15914
Ω
3.20
843
Ω
3.25775
Ω
3.30
710
Ω
3.35647
Ω
3.40
587
Ω
3.455
29
Ω
3.50
473
Ω
3.55
419
Ω
3.60
367
Ω
V
IN
C
IN
330 µF
(Required)
C
OUT
330 µF
(Optional)
GND
V
OUT
V
o Sense
R
SET
0.1 W
1 %
PTH05060W
1
10
4
5
6
2
3
98
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com