Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM10H02NSA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM10H02NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM10H02NSA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM10H02NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H02NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H02NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H02NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H02NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H02NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM10H02NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
2
A
Drain Current-Pulsed Note1
IDM
5
A
Maximum Power Dissipation
PD
1.25
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Resistance,Junction-to-Ambient Note2
RθJA
100
℃
/
W
PJM10H02NSA
N- Enhancement Mode Field Effect Transistor
1 / 7
SOT-23
1
2
Gate
Source
3Drain
Applications
Power switching application
Uninterruptible power supply
Features
VDS = 100V,ID = 2A
RDS(ON) = 210mΩ(Typ.) @ VGS=10V
High density cell design for ultra low RDS(on)
Excellent package for good heat dissipation
Schematic diagram
Absolute Maximum Ratings
Ratings at 25℃ ambient temperature unless otherwise specified.
Thermal Characteristics
www.pingjingsemi.com
Revision:1.0 Feb-2019
1. Gate 2.Source 3.Drain
Marking: G1003A


Similar Part No. - PJM10H02NSA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM10H01PSA PJSEMI-PJM10H01PSA Datasheet
3Mb / 7P
P- Enhancement Mode Field Effect Transistor
PJM10H03NSA PJSEMI-PJM10H03NSA Datasheet
2Mb / 7P
N-Channel Enhancement Mode Power MOSFET
PJM10H03NSC PJSEMI-PJM10H03NSC Datasheet
8Mb / 7P
N-Channel Enhancement Mode Power MOSFET
PJM10H05NST PJSEMI-PJM10H05NST Datasheet
671Kb / 5P
N-MOS
More results

Similar Description - PJM10H02NSA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM2302NSA-S PJSEMI-PJM2302NSA-S Datasheet
1Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM3018NSA PJSEMI-PJM3018NSA Datasheet
2Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM3420NSA PJSEMI-PJM3420NSA Datasheet
1Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM02N60SA PJSEMI-PJM02N60SA Datasheet
1Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM40H10NTC PJSEMI-PJM40H10NTC Datasheet
791Kb / 6P
N- Enhancement Mode Field Effect Transistor
PJM2302NSC PJSEMI-PJM2302NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM2304NSA PJSEMI-PJM2304NSA Datasheet
2Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3402NSC PJSEMI-PJM3402NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3404NSC PJSEMI-PJM3404NSC Datasheet
4Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3416NSC PJSEMI-PJM3416NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com