Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2035PSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2035PSA
Description  Silicon P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2035PSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2035PSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2035PSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2035PSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2035PSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2035PSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2035PSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PJM2035PSA
Silicon P-Channel Power MOSFET
3 / 6
Typical Characteristic Curves
www.pingjingsemi.com
Revision:1.
0 Feb-2019
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-V
, DRAIN-SOURCE VOLTAGE (V)
VGS = -2.0V
VGS = -3.2V
V
= -3.5V
GS
V
= -4.5V
GS
VGS = -3.0V
VGS = -1.5V
VGS = -8.0V
V
= -2.5V
GS
0
5
10
15
20
0.5
1
1.5
2
2.5
-V
, GATE-SOURCE VOLTAGE (V)
I-
,
D
R
IA
N
C
U
R
R
E
N
T
(
D
TA = -55°C
TA = 25°C
TA = 85°C
T
A = 125°C
TA = 150°C
VDS = -5V
)A
0.02
0.03
0.04
0.05
0.06
0.07
0.1
1
10
100
-I , DRAIN-SOURCE CURRENT (A)
D
V
= -4.5V
GS
VGS = -2.5V
V
= -1.8V
GS
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (癈 )
A
0.6
0.8
1.0
1.2
1.4
1.6
V
= -4.5V
ID = -10A
GS
V
= -2.5V
I = -5A
GS
D
(°C)
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (癈 )
A
0
0.2
0.4
0.6
0.8
1.2
1.0
I = -250礎
D
ID = -1mA
0
2
4
6
8
10
12
14
16
18
20
0
0.3
0.6
0.9
1.2
1.5
-V
, SOURCE-DRAIN VOLTAGE (V)
SD
I-
,
S
O
U
R
C
E
C
U
R
R
E
N
T
(
S
TA = -55°C
TA = 25°C
TA = 85°C
T
A = 125°C
TA = 150°C
)A
ID= -250A
(°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com