Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3018NSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3018NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3018NSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3018NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3018NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3018NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3018NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3018NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3018NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PJM3018NSA
N- Enhancement Mode Field Effect Transistor
www.pingjingsemi.com
Revision:1.0 Nov-2018
3 /
6
Ratings And Characteristic Curves
0
5
0.00
0.05
0.10
0.15
0.20
0
4
0.1
1
10
100
0
20
0
5
10
15
0.2
1.0
0.1
1
10
100
1
100
0
20
40
60
4.0V
T
a=25
℃
Pulsed
Output Characteristics
3.5V
V
GS=3.0V
V
GS=2.5V
V
GS=2.0V
V
GS=1.5V
1234
Drain to Source Voltage V
DS
(V)
0.3
3
30
V
DS=3V
T
a=25
℃
Pulsed
Transfer Characteristics
200
123
Gate to Source Voltage V
GS
(V)
T
a=25
℃
Pulsed
I
D=100mA
I
D=50mA
—— VGS
R
DS(ON)
5
10
15
Gate to Source Voltage V
GS
(V)
0.3
3
30
200
V
GS=0V
T
a=25
℃
Pulsed
V
SD
I
S
——
200
0.4
0.6
0.8
Source to Drain Voltage V
SD
(V)
3
T
a=25
℃
Pulsed
I
D
——
R
DS(ON)
V
GS=2.5V
V
GS=4.5V
10
30
Drain Current I
D
(mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com