Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM4006NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM4006NSA
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM4006NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM4006NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM4006NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PJM4006NSA
N-Channel MOSFET
2 / 7
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Static Parameters
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
45
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS=45V, VGS=0V
--
--
1
µA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
--
--
±100
nA
Gate Threshold Voltage Note3
VGS(th)
VDS=VGS, ID=250µA
0.5
1.2
1.5
V
Static Drain-Source On-Resistance
Note3
RDS(ON)
VGS=10V, ID=2A
--
126
160
mΩ
VGS=4.5V, ID=2A
--
142
180
mΩ
VGS=4V, ID=2A
--
147
185
mΩ
VGS=2.5V, ID=1.5A
--
208
250
mΩ
Forward Transconductance Note3
gFS
VDS=10V, ID=2A
--
3
--
S
Body Diode Forward Voltage
VSD
IS=0.8A, VGS=0V
--
0.8
1.5
V
Dynamic Parameters
Input Capacitance
Ciss
VGS=0V, VDS=25V, f=1MHz
--
315
--
pF
Output Capacitance
Coss
--
18
--
pF
Reverse Transfer Capacitance
Crss
--
15
--
pF
Switching Parameters
Total gate charge
Qg
VGS=4.5V, VDS=25V,ID=2A
--
4.2
--
nC
Gate Source Charge
Qgs
--
0.
76
--
nC
Gate Drain Charge
Qgd
--
1.85
--
nC
Turn-On DelayTime
tD(on)
VDS=25V, VGS=10V
RL=25Ω, RG=6Ω
--
4.8
--
ns
Turn-On Rise Time
tr
--
3
--
ns
Turn-Off DelayTime
tD(off)
--
27
--
ns
Turn-Off Fall Time
tf
--
2.6
--
ns
Electrical Characteristics (TC = 25°C, unless otherwise noted)
www.pingjingsemi.com
Revision:1.
1 Jan-2019
Note: 1.Surface mounted on FR-4 Board using 1 square inch pad size, 1oz copper
2.Surface mounted on FR-4 board using minimum pad size, 1oz copper
3.Pulse width<380μs, Duty Cycle<2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com