Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4501 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC4501
Description  Silicon NPN Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4501 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC4501 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4501 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4501 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4501 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4501 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC4501(L)/(S)
4
1,000
3,000
10,000
30,000
100,000
Collector current IC (A)
0.03
0.1
0.3
1.0
3.0
DC Current Transfer Ratio
vs. Collector Current
VCE = 3 V
Ta = 25
°C
0.1
0.3
1.0
3
10
Collector current IC (A)
0.03
0.1
0.3
1.0
3.0
Saturation Voltage vs. Collector Current
VBE (sat)
VCE (sat)
lC = 500 lB
Ta = 25
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com