Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6R1016C1D-KC10 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6R1016C1D-KC10
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016C1D-KC10 Datasheet(HTML) 2 Page - Samsung semiconductor

  K6R1016C1D-KC10 Datasheet HTML 1Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 2Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 3Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 4Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 5Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 6Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 7Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 8Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 2 -
July 2004
PRELIMINARY
K6R1004V1D
CMOS SRAM
for AT&T
1Mb Async. Fast SRAM Ordering Information
Org.
Part Number
VDD(V)
Speed ( ns )
PKG
Temp. & Power
256K x4
K6R1004C1D-J(K)C(I) 10
5
10
J : 32-SOJ
K: 32-SOJ(LF)
C : Commercial Temperature
,Normal Power Range
I : Industrial Temperature
,Normal Power Range
K6R1004V1D-J(K)C(I) 08/10
3.3
8/10
128K x8
K6R1008C1D-J(K,T,U)C(I) 10
5
10
J : 32-SOJ
K : 32-SOJ(LF)
T : 32-TSOP2
U : 32-TSOP2(LF)
K6R1008V1D-J(K,T,U)C(I) 08/10
3.3
8/10
64K x16
K6R1016C1D-J(K,T,U,E)C(I) 10
5
10
J : 44-SOJ
K : 44-SOJ(LF)
T : 44-TSOP2
U : 44-TSOP2(LF)
E : 48-TBGA
K6R1016V1D-J(K,T,U,E)C(I) 08/10
3.3
8/10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com