Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8771FTV Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8771FTV
Description  24-bit, 192kHz 8-Channel Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8771FTV Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8771FTV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Product Preview
WM8771
w
PP Rev 2.0 December 2001
21
DSP LATE MODE
In DSP late mode, the MSB of DAC channel 1 left data is sampled by the WM8771 on the first BCLK
rising edge following a DACLRC rising edge. DAC channel 1 right and DAC channels 2, 3 and 4 data
follow DAC channel 1 left data (Figure 16).
DACLRC
BCK
DIN1
Input Word Length (IWL)
1/fs
CHANNEL 1
LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL 1
RIGHT
2
1
CHANNEL 2
LEFT
n
n-1
CHANNEL 4
RIGHT
NO VALID DATA
1
Figure 16 DSP Late Mode Timing Diagram – DAC data input
The MSB of the left channel ADC data is output on DOUT and changes on the same falling edge of
BCLK as the low to high ADCLRC transition and may be sampled on the rising edge of BCLK. The
right channel ADC data is contiguous with the left channel data (Figure 17).
ADCLRC
BCK
DOUT
Input Word Length (IWL)
1/fs
LEFT CHANNEL
n
2
1
n-1
LSB
MSB
n
2
1
n-1
RIGHT CHANNEL
NO VALID DATA
1
Figure 17 DSP Late Mode Timing Diagram – ADC data output
In both early and late DSP modes, DACL1 is always sent first, followed immediately by DACR1 and
the data words for the other 6 channels. No BCLK edges are allowed between the data words. The
word order is DAC1 left, DAC1 right, DAC2 left, DAC2 right, DAC3 left, DAC3 right, DAC4 left, DAC4
right.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com