Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC1600 Datasheet(PDF) 3 Page - Solid State Optronic

Part # SLC1600
Description  Dual Linear Optocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SLC1600 Datasheet(HTML) 3 Page - Solid State Optronic

  SLC1600 Datasheet HTML 1Page - Solid State Optronic SLC1600 Datasheet HTML 2Page - Solid State Optronic SLC1600 Datasheet HTML 3Page - Solid State Optronic SLC1600 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SLC1600
Dual Linear Optocoupler
PERFORMANCE DATA
0
10
20
30
40
50
K1
SLC1600
0
10
20
30
40
50
60
K1
Typical K1 (5mA) Distribution
N = 100, Ambient Temperature = 25°C
SLC1600
Typical K1 (10mA) Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
K2
SLC1600
0
10
20
30
40
50
60
K2
Typical K2 (5mA) Distribution
N = 100, Ambient Temperature = 25°C
SLC1600
Typical K2 (10mA) Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
K3
SLC1600
Typical K3 Transfer Gain Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
∆K3 (%)
SLC1600
Typical ∆K3 Distribution
N = 100, Ambient Temperature = 25°C
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com