Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD73Y Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD73Y
Description  NPN SILICON EPITAXIAL POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD73Y Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD73Y Datasheet HTML 1Page - Continental Device India Limited CSD73Y Datasheet HTML 2Page - Continental Device India Limited CSD73Y Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON EPITAXIAL POWER TRANSISTOR
CSD73
TO - 220
Plastic Package
Low Frequency High Power Amplifier
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector - Base Voltage
VCBO
100
V
Collector- Emitter Voltage
VCEO
60
V
Emitter- Base Voltage
VEBO
5V
Collector Current
IC
5A
Collector Dissipation(Tc=25°C )
PC
30
W
Operating & Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector - Base Voltage
VCBO
IC=1mA, IE=0
100
--
V
Collector- Emitter Voltage
VCEO
IC=20mA, IB=0
60
--
V
Collector- Base Voltage
VEBO
IE=1mA, IC=0
5
--
V
Collector Cut off Current
ICBO
VCB=100V, IE=0
--
5
mA
DC Current Gain
hFE
IC=1A, VCE=10V
70
-
240
Collector Emitter Saturation Voltage
VCE(sat)
IC=5A, IB=0.5A
-
-
2.0
V
Base Emitter Saturation Voltage
VBE(sat)
IC=5A, IB=0.5A
-
-
1.5
V
Base Emitter on Voltage
VBE(on) IC=1A, VCE=10V
-
0.75
-
V
Current Gain Bandwidth Product
fT
IC=0.3A, VCE=10V
-
20
-
MHz
Classification
O
Y
hFE
70 - 140
120 - 240
Continental Device India Limited
Data Sheet
1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSD73Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15 Datasheet
245Kb / 11P
Dual P-Channel NexFET Power MOSFET
CSD75204W15 TI-CSD75204W15 Datasheet
151Kb / 9P
Dual P-Channel NexFET??Power MOSFET
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
Dual P-Channel NexFET??Power MOSFET
CSD75205W1015 TI-CSD75205W1015 Datasheet
298Kb / 11P
P-Channel NexFET Power MOSFET
CSD75207W15 TI-CSD75207W15 Datasheet
1Mb / 12P
Dual P-Channel NexFET Power MOSFET
More results

Similar Description - CSD73Y

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD237-S CDIL-BD237-S Datasheet
74Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2395 CDIL-CDD2395 Datasheet
136Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC1507 CDIL-CSC1507 Datasheet
86Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSD1833 CDIL-CSD1833 Datasheet
116Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
ST2SD1691T SEMTECH_ELEC-ST2SD1691T Datasheet
145Kb / 1P
NPN Silicon Epitaxial Power Transistor
BD135T SEMTECH_ELEC-BD135T Datasheet
216Kb / 2P
NPN Silicon Epitaxial Power Transistor
logo
Weitron Technology
2SD313 WEITRON-2SD313 Datasheet
201Kb / 4P
NPN Silicon Epitaxial Power Transistor
logo
Thinki Semiconductor Co...
2SC2073 THINKISEMI-2SC2073 Datasheet
766Kb / 3P
NPN Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
CDL6718 CDIL-CDL6718 Datasheet
69Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2061 CDIL-CDD2061 Datasheet
139Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com