Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2201200 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2201200
Description  Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2201200 Datasheet(HTML) 1 Page - Schneider Electric

  QO2201200 Datasheet HTML 1Page - Schneider Electric QO2201200 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO2201200
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in,
Aux Switch 1A
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 199.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
20 A
Voltage Rating
120/240 V AC
120 V AC
48 V DC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Pressure plate
Options
Auxiliary switch 120 V AC 1A
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
3
Wire Size
AWG 14...AWG 8 copper or aluminium
Tightening torque
44.25 lbf.in (5 N.m) 0.02…0.04 in² (10…25 mm²) AWG 8...AWG 2)
Height
76.20 mm (3 in)
Depth
73.91 mm (2.91 in)
Width
57.15 mm (2.25 in)
Environment
Certifications
UL listed
CSA
Dec 20, 2019
1


Similar Part No. - QO2201200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2201201 SCHNEIDER-QO2201201 Datasheet
151Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1B
More results

Similar Description - QO2201200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO220VH1200 SCHNEIDER-QO220VH1200 Datasheet
111Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO2101200 SCHNEIDER-QO2101200 Datasheet
129Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO2151200 SCHNEIDER-QO2151200 Datasheet
129Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO2251200 SCHNEIDER-QO2251200 Datasheet
111Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO2301200 SCHNEIDER-QO2301200 Datasheet
152Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO2351200 SCHNEIDER-QO2351200 Datasheet
110Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO2451200 SCHNEIDER-QO2451200 Datasheet
111Kb / 2P
Mini CB, QO, 45 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO2501200 SCHNEIDER-QO2501200 Datasheet
113Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO21001200 SCHNEIDER-QO21001200 Datasheet
137Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO21251200 SCHNEIDER-QO21251200 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com