Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2201201 Datasheet(PDF) 2 Page - Schneider Electric

Part # QO2201201
Description  Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1B
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2201201 Datasheet(HTML) 2 Page - Schneider Electric

  QO2201201 Datasheet HTML 1Page - Schneider Electric QO2201201 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering and shipping details
Category
00004-QO,QOT 10-30A 1P;10-60A 2P
Discount Schedule
DE2A
GTIN
00785901930617
Package weight(Lbs)
5.76 oz (163.293 g)
Returnability
No
Country of origin
MX
Offer Sustainability
EU RoHS Directive
Compliant
EU RoHS Declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
No need of specific recycling operations
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com