Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5907 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 9Page - Texas Instruments LP5907 Datasheet HTML 10Page - Texas Instruments LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments LP5907 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
LP5907-Q1
www.ti.com
SNVSA34E – SEPTEMBER 2014 – REVISED DECEMBER 2019
Product Folder Links: LP5907-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 LP5907-Q1 Voltage Options
Table 1 lists the available voltage options for the LP5907-Q1 SOT-23 package.
Table 1. Voltage Options
SOT-23 PACKAGE ORDER NUMBER
VOLTAGE OPTION (V)
LP5907QMFX-1.2Q1
1.2
—
1.3
—
1.5
LP5907QMFX-1.8Q1
1.8
LP5907QMFX-2.5Q1
2.5
LP5907QMFX-2.8Q1
2.8
2.85
2.9
LP5907QMFX-3.0Q1
3.0
LP5907QMFX-3.3Q1
3.3
LP5907QMFX-3.8Q1
3.8
LP5907QMFX-4.5Q1
4.5
7.3.2 Enable (EN)
The LP5907-Q1 EN pin is internally held low by a 1-MΩ resistor to GND. The EN pin voltage must be higher than
the VIH threshold to ensure that the device is fully enabled under all operating conditions. The EN pin voltage
must be lower than the VIL threshold to ensure that the device is fully disabled and the automatic output
discharge is activated.
7.3.3 Low Output Noise
Any internal noise at the LP5907-Q1 reference voltage is reduced by a first order low-pass RC filter before it is
passed to the output buffer stage. The low-pass RC filter has a –3 dB cut-off frequency of approximately 0.1 Hz.
7.3.4 Output Automatic Discharge
The LP5907-Q1 output employs an internal 230-Ω (typical) pulldown resistance to discharge the output when the
EN pin is low, and the device is disabled.
7.3.5 Remote Output Capacitor Placement
The LP5907-Q1 requires at least a 1-µF capacitor at the OUT pin, but there are no strict requirements about the
location of the capacitor in regards the OUT pin. In practical designs, the output capacitor may be located up to
10 cm away from the LDO.
7.3.6 Thermal Overload Protection (TSD)
Thermal shutdown disables the output when the junction temperature rises to approximately 160°C which allows
the device to cool. When the junction temperature cools to approximately 145°C, the output circuitry enables.
Based on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may
cycle on and off. This thermal cycling limits the dissipation of the regulator and protects it from damage as a
result of overheating.
The thermal shutdown circuitry of the LP5907-Q1 has been designed to protect against temporary thermal
overload conditions. The thermal shutdown circuitry was not intended to replace proper heat-sinking.
Continuously running the LP5907-Q1 device into thermal shutdown may degrade device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com