Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003185 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3003185
Description  FB 10- 8-EX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3003185 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3003185 Datasheet HTML 1Page - PHOENIX CONTACT 3003185 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 2
http://www.phoenixcontact.de
Feb 3, 2011
Extract from the online
catalog
 
FB 10- 8-EX
Order No.: 3003185
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3003185
 
 
Fixed bridge, Number of positions: 10, Color: aluminum
 
Commercial data
GTIN (EAN)
4
017918
090494
sales group
A900
Pack
10 pcs.
Customs tariff
85389099
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.


Similar Part No. - 3003185

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
300310B MOLEX1-300310B Datasheet
306Kb / 5P
5.08mm (.200") Pitch KK짰 Header, Vertical, Round Pin, 10 Circuits, Tin (Sn) Plating, Pin Length 23.80mm (.937")
300310B MOLEX11-300310B Datasheet
74Kb / 2P
KK짰 Header, Vertical, Round Pin, 10 Circuits, Tin (Sn) Plating, Pin Length 23.80mm
logo
PHOENIX CONTACT
3003116 PHOENIX-3003116 Datasheet
50Kb / 2P
Flange cover, with screw-on fixing, length: 19.9 mm, width: 2.2 mm, height: 17.7 mm, color: gray
logo
Molex Electronics Ltd.
300311B MOLEX11-300311B Datasheet
74Kb / 2P
KK짰 Header, Vertical, Round Pin, 11 Circuits, Tin (Sn) Plating, Pin Length 23.80mm
More results

Similar Description - 3003185

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201281 PHOENIX-0201281 Datasheet
43Kb / 2P
Fixed bridge - FB 10- 6-EX - 0201281
0202170 PHOENIX-0202170 Datasheet
48Kb / 2P
Fixed bridge - FB 10- 8 - 0202170
0203247 PHOENIX-0203247 Datasheet
43Kb / 2P
Fixed bridge - FB 10-10-EX - 0203247
0201456 PHOENIX-0201456 Datasheet
44Kb / 2P
Fixed bridge - FB 2- 6-EX
0711700 PHOENIX-0711700 Datasheet
42Kb / 2P
Fixed bridge - FBI 10- 8-EX
3029224 PHOENIX-3029224 Datasheet
54Kb / 2P
Fixed bridge - FB 2- 8-EX
2901859 PHOENIX-2901859 Datasheet
44Kb / 2P
Cable gland - FB-M-BD-M20-EX
04/26/2016
2900197 PHOENIX-2900197 Datasheet
51Kb / 2P
Cable gland - FB-M-KV-M20-EX
09/12/2020
2316148 PHOENIX-2316148 Datasheet
215Kb / 7P
Power supply unit - FB-PS-MB-Y/EX
Dec 2, 2022
2316146 PHOENIX-2316146 Datasheet
212Kb / 7P
Power supply unit - FB-PS-MB-25DSUB/EX
Dec 2, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com