Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP451 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451
Description  TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP451 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP451 Datasheet HTML 8Page - Texas Instruments TMP451 Datasheet HTML 9Page - Texas Instruments TMP451 Datasheet HTML 10Page - Texas Instruments TMP451 Datasheet HTML 11Page - Texas Instruments TMP451 Datasheet HTML 12Page - Texas Instruments TMP451 Datasheet HTML 13Page - Texas Instruments TMP451 Datasheet HTML 14Page - Texas Instruments TMP451 Datasheet HTML 15Page - Texas Instruments TMP451 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
50
60
70
80
90
100
THERM2
THERM Limit
THERM Limit - Hysteresis
THERM
110
120
130
140
150
Temperature Conversion Complete
Time
Measured
Temperature
THERM2 Limit
THERM2 Limit - Hysteresis
50
60
70
80
90
100
ALERT
THERM Limit
THERM Limit - Hysteresis
High Temperature Limit
THERM
110
120
130
140
150
Temperature Conversion Complete
Time
Measured
Temperature
ALERT output
serviced by master
12
TMP451-Q1
SLOS877B – OCTOBER 2014 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TMP451-Q1
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
7.3.6
ALERT and THERM Functions
The operation of the ALERT (pin 6) and THERM (pin 4) interrupts is shown in Figure 13. The operation of the
THERM (pin 4) and THERM2 (pin 6) interrupts is shown in Figure 14.
Figure 13. ALERT and THERM Interrupt Operation
Figure 14. THERM and THERM2 Interrupt Operation
The hysteresis value is stored in the THERM hysteresis register. The value of the CONAL[2:0] bits in the
consecutive ALERT register determines the number of limit violations before the ALERT pin is tripped. The
default value is 000b and corresponds to one violation, 001b programs two consecutive violations, 011b
programs three consecutive violations, and 111b programs four consecutive violations. This provides additional
filtering for the ALERT pin state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com