Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS3403LP Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTS3403LP
Description  The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS3403LP Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTS3403LP Datasheet HTML 1Page - Lite-On Technology Corporation LTS3403LP Datasheet HTML 2Page - Lite-On Technology Corporation LTS3403LP Datasheet HTML 3Page - Lite-On Technology Corporation LTS3403LP Datasheet HTML 4Page - Lite-On Technology Corporation LTS3403LP Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
   
  
 

  
  !"#$



>/<00714/< /3!/4

!(
/1D&<>1<29<</4/< /3!/4
94885/=!0950/(24"
A
!
4990&<>1<29<</4/< /3!/4
/<143/1<&<!  /< /3!/4

 
!
!
/6/<0/,5413//< /3!/4

,
7/<143/!7/<149</13/
4E
4<13//!7/<149</13/
4E
52/</!7/<149</!1F A <!1F0/14A!!GAH;/5>0/143751/
% &!"#$

       
6/<13/9!90#4/048
#
 C
µ2
#I!
/1D!00(16/5/34
λ7
ACB
!
#I !
7/4<15/$15 (24
∆λ
C
!
#I !
!14(16/5/34
λ2
AB
!
#I !
&<>1<2,5413//< /3!/4
,

A
,
#I !
/6/<0/9<</4/< /3!/4
#

µ,I,
9!90#4/048'14314
# !

#I!
4/ 9!90 4/048 0 !/109</2 >4 1 534 0/0< 12 54/< !;14 414
177<F!14/04/#!!0#4/<1415//J51<13/"/8/ </070/9<6/



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com