Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC930 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC930
Description  Digital Output, High Sensitivity Type OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC930 Datasheet(HTML) 6 Page - Sharp Corporation

  PC930 Datasheet HTML 1Page - Sharp Corporation PC930 Datasheet HTML 2Page - Sharp Corporation PC930 Datasheet HTML 3Page - Sharp Corporation PC930 Datasheet HTML 4Page - Sharp Corporation PC930 Datasheet HTML 5Page - Sharp Corporation PC930 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PC930 Series
0
0.1
0.1
0.2
0.3
0.2
0.5
1
t r
tf
10
5
2
V CC
IF
0.4
0.5
T a = 25˚C
s Precautions for Use
(PC934/PC935 )
L ( k Ω )
CC
and
( 2) Handle this product the same as with other integrated circuits against static electricity.
Fig.11-c Rise Time, Fall Time vs.
( 1) It is recommended that a by-pass capacitor of more than 0.01
µ F is added between V
= 1mA
=5V
( 3) As for other general cautions, refer to the chapter “ Precautions for Use .
”
Resistance Load
GND near the device in order to stabilize power supply line.
Load resistance R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com