Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC931 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC931
Description  Digital Output, High Sensitivity Type OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC931 Datasheet(HTML) 2 Page - Sharp Corporation

  PC931 Datasheet HTML 1Page - Sharp Corporation PC931 Datasheet HTML 2Page - Sharp Corporation PC931 Datasheet HTML 3Page - Sharp Corporation PC931 Datasheet HTML 4Page - Sharp Corporation PC931 Datasheet HTML 5Page - Sharp Corporation PC931 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PC930 Series
Symbol
Conditions
V F
IF = 2mA
IF = 0.1mA
Reverse current
IR
Ta = 25˚C, VR =3V
Terminal capacitance
Ct
Ta = 25˚C, V = 0, f = 1kHz
Output
PC930/PC931
PC932/PC933
V CC
PC934/PC935
PC930/PC932
V OL
IOL = 16mA, VCC = 5V, I F = 1mA
PC931/PC933
IOL = 16mA, VCC = 5V, I F =0
PC934
IOL = 16mA, VCC = 4.5V, I F = 1mA
PC935
IOL = 16mA, VCC = 4.5V, I F =0
PC932
V OH
V CC = 5V, I F =0
PC933
VCC = 5V, I F = 1mA
VCC = 4.5V, I F = 0, I OH = - 400
µ A
PC934
PC935
VCC = 4.5V, I F = 1mA, I OH = - 400
µ A
PC930
I OH
V CC =V O = 15V, I F =0
VCC =V O = 15V, I F = 1mA
PC931
PC930
ICCL
V CC = 5V, I F = 1mA
VCC = 5V, I F =0
PC931
V CC = 5V, I F = 1mA
VCC = 5V, I F =0
I CCH
V CC = 5V, I F =0
VCC = 5V, I F = 1mA
IOS
VCC = 5V, I F = 0, T = Within 1 second
VCC = 5V, I F = 1mA, T = Within 1 second
Transfer
charac-
teristics
I FHL
V CC = 5V, R L = 280
Ω
I FLH
V CC = 5V, R L = 280
Ω
I FLH /I FHL
V CC = 5V, R L = 280
Ω
I FHL /I FLH
R ISO
t PHL
Ta = 25˚C
V CC =5V
IF = 1mA
RL = 280
Ω
Fig.1
t PLH
Fall time
tf
Rise time
t r
PC932/PC934
PC933/PC935
PC934
PC935
PC930/PC932
PC934
PC931/PC933
PC935
PC930/PC932
PC934
PC931/PC933
PC935
PC930/PC932
PC934
PC931/PC933
PC930/PC932
PC934
PC931/PC933
PC935
PC935
Isolation resistance
propagation
delay time
“ High
→Low”
“ Low
→High”
propagation
delay time
Operating
supply
voltage
Low level
output
voltage
Low level
supply
current
High level
supply
current
Output short
circuit current
s
s Electro-optical Characteristics
Low ” Thre-
shold input
current
High ” Thre-
shold input
current
Parameter
Input
Forward voltage
*4 I FHL represents forward current when output goes from high to low.
*5 I FLH represents forward current when output goes from low to high.
*6 Hysteresis stands for IFLH /I FHL .
*4 “ High
→
*5 “ Low
→
*6Hysteresis
MIN.
TYP.
MAX.
Unit
-
1.1
1.4
V
0.55
0.95
-
V
--
10
µ A
-
30
250
pF
4.5
-
15
V
4.5
5.5
V
-
0.15
0.4
V
3.5
-
-
V
2.4
-
-
V
-
-
100
µ A
-
-
100
-
1.3
3.4
mA
-
1.3
3.4
mA
-
1.7
3.8
mA
-
1.7
3.8
mA
-
0.7
2.2
mA
617
35
mA
-
0.5
1.0
mA
0.1
0.4
-
mA
0.1
0.4
-
mA
-
0.5
1.0
mA
-
0.8
-
-
5x 1010
1011
-
Ω
39
µ s
-
-
515
-5
15
-3
9
-
0.05
0.5
-
0.1
0.5
( Ta = 0 to + 70˚C unless otherwise specified. )
High level
output
voltage
High level
output
current
PC930/PC932
PC934
PC931/PC933
PC935
PC930/PC932
PC934
PC931/PC933
PC935
Ta = 25˚C, DC500V, 40 to 60% RH
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com