Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC932 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC932
Description  Digital Output, High Sensitivity Type OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC932 Datasheet(HTML) 3 Page - Sharp Corporation

  PC932 Datasheet HTML 1Page - Sharp Corporation PC932 Datasheet HTML 2Page - Sharp Corporation PC932 Datasheet HTML 3Page - Sharp Corporation PC932 Datasheet HTML 4Page - Sharp Corporation PC932 Datasheet HTML 5Page - Sharp Corporation PC932 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PC930 Series
Fig. 1 Test Circuit for t PHL, t PLH, t r, t f
s Recommended Operating Conditions
Parameter
Low level output current
High level
output
current
PC934/PC935
Supply
voltage
PC930/PC931
PC932/PC933
PC934/PC935
Operating temperature
5V
0.01
µ F
Voltage regulator
280
Ω
PC934/PC935
47
Ω
Output
1.5V
50%
Input
Input
1.5V
Output
PC931/PC933/PC935
PC930/PC932/PC934
Amp.
Amp.
47
Ω
PC932/PC933
280
Ω
Voltage regulator
0.01
µ F
5V
5V
0.01
µ F
Voltage regulator
280
Ω
PC930/PC931
47
Ω
0.01
µ s
Amp.
tr = tf =
ZO = 50 Ω
0.01
µ s
tr = tf =
ZO = 50 Ω
0.01
µ s
tr = tf =
ZO = 50 Ω
VO
VO
VO
Vin
Vin
Vin
tPHL
tPLH
90 %
10 %
tr
tf
50 %
90 %
10 %
tPHL
tPLH
tr
tf
5
10
30
25
20
15
0
- 25
0
25
50
75
100
85
Ambient Temperature
Ambient temperature T a (˚C)
0
-25
100
0
255075
100
85
50
150
200
170
Ambient Temperature
Ambient temperature T a (˚C)
Fig. 2 Forward Current vs.
Symbol
MIN.
TYP.
MAX.
Unit
IOL
-
1.6
16
mA
I OH
-
-
- 400
µ A
V CC
4.5
5.0
15.0
V
4.5
5.0
5.5
V
T opr
025
70
˚C
Fig. 3 Power Dissipation vs.
P tot
P O
VOH
VOL
VOH
VOL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com