Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC223A10FP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MAC223A10FP
Description  isc Triacs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MAC223A10FP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MAC223A10FP Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Triacs
MAC223A10FP
FEATURES
·
With TO-220F Full Pack
·
Off−State Voltages to 800 Volts
·
Gate Triggering Guaranteed in Four Modes
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak reverse voltage
800
V
IT(RMS)
RMS on-state current (full sine wave)Tj=80℃
25
A
ITSM
Non-repetitive peak on-state current tp=8.3ms
250
A
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
Rth(j-c)
Thermal resistance, junction to case
1.2
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=125℃
0.01
2
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=125℃
0.01
2
mA
IGT
Gate trigger current
Ⅰ
VD=12V; RL= 30Ω
50
mA
Ⅱ
50
Ⅲ
50
Ⅳ
75
IH
Holding current
IGT= 0.1A, Gate Open
50
mA
VGT
Gate trigger voltage all quadrant VD=12V; RL= 30Ω
2
V
VTM
On-state voltage
IT= 35A; tp= 2ms
1.85
V
NOTICE:
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of
our products.
ISC products are intended for usage in general electronic equipment. The products are not
designed for use in equipment which require specialized quality and/or reliability, or in equipment
which could have applications in hazardous environments, aerospace industry, or medical
field. Please contact us if you intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular
purpose, nor does ISC assume any liability arising from the application or use of any products, and
specifically disclaims any and all liability, including without limitation special, consequential or
incidental damages.


Similar Part No. - MAC223A10FP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC223A10FP MOTOROLA-MAC223A10FP Datasheet
65Kb / 4P
Silicon Bidirectional Triode Thyristors
logo
ON Semiconductor
MAC223A10FP ONSEMI-MAC223A10FP Datasheet
165Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
New Jersey Semi-Conduct...
MAC223A10FP NJSEMI-MAC223A10FP Datasheet
142Kb / 2P
ISOLATED TRIACs THYRISTORS 25 AMPERES RMS 200 thru 800 VOLTS
More results

Similar Description - MAC223A10FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com