Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

722014WS Datasheet(PDF) 1 Page - Adels-Contact

Part # 722014WS
Description  AC 169 RST/ 4 LWD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

722014WS Datasheet(HTML) 1 Page - Adels-Contact

  722014WS Datasheet HTML 1Page - Adels-Contact 722014WS Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30/12/2019
Circular Plug Connectors IP68
Circular Plug Connectors AC 169 kompakt
AC 169 RST/ 4 LWD
Plug längswasserdicht, 4 pole, Voltage Rating: 450 V, Current Rating: 17.5 A, Cross-Section: 1.5 mm²
Order Info
Reference Number (ref. no.)
722014WS
PU
200
Type
Type
Plug längswasserdicht
Number of poles
4 pole
Clamping Units per Pole
1
Colour
black
Cross-Section
1.5 mm²
Connection Type
Screw
PE Function
yes
Protection Against Incorrect Plugging
yes
Technical Data
Voltage Rating
450 V
Current Rating
17.5 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.75 mm²
Core Cross-Section max.
2.5 mm²
Impulse Voltage Rating
4.0 kV
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
IP Code
IP68
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
6.0 mm
Dismantling Length PE
25.0 mm
Dismantling Length
30.0 mm
Assembly Contact Screw
0.5x3.0 / 0.5 Nm
Assembly Strain Relief
2.5 Nm
Cable Diameter min.
7.0 mm


Similar Part No. - 722014WS

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
722014 ADELS-722014 Datasheet
124Kb / 2P
AC 169 RST/ 4
30/12/2019
722014S2 ADELS-722014S2 Datasheet
124Kb / 2P
AC 169 RST/ 4-2
30/12/2019
722014S3 ADELS-722014S3 Datasheet
124Kb / 2P
AC 169 RST/ 4-3
30/12/2019
More results

Similar Description - 722014WS

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
722014 ADELS-722014 Datasheet
124Kb / 2P
AC 169 RST/ 4
30/12/2019
722014S2 ADELS-722014S2 Datasheet
124Kb / 2P
AC 169 RST/ 4-2
30/12/2019
722014S3 ADELS-722014S3 Datasheet
124Kb / 2P
AC 169 RST/ 4-3
30/12/2019
722015D3 ADELS-722015D3 Datasheet
130Kb / 2P
AC 169 RST/ 5
30/12/2019
725014 ADELS-725014 Datasheet
124Kb / 2P
AC 169 RBU/ 4
30/12/2019
727464D3 ADELS-727464D3 Datasheet
128Kb / 1P
AC 169 RVH 4/ 4
30/12/2019
728714WS ADELS-728714WS Datasheet
114Kb / 1P
AC 169 REST/ 4 M20 LWD
30/12/2019
728764WS ADELS-728764WS Datasheet
114Kb / 1P
AC 169 REST/ 4 M25 LWD
30/12/2019
792015D3 ADELS-792015D3 Datasheet
114Kb / 2P
AC 169 RST/ 5 DALI blue
30/12/2019
743964WS ADELS-743964WS Datasheet
193Kb / 2P
AC 179 SVH/ 4 SL LWD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com