Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2439-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2439-1
Description  8-/16-Channel 16-Bit No Latency Delta-Sigma ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2439-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC2439-1 Datasheet HTML 1Page - Linear Technology LTC2439-1 Datasheet HTML 2Page - Linear Technology LTC2439-1 Datasheet HTML 3Page - Linear Technology LTC2439-1 Datasheet HTML 4Page - Linear Technology LTC2439-1 Datasheet HTML 5Page - Linear Technology LTC2439-1 Datasheet HTML 6Page - Linear Technology LTC2439-1 Datasheet HTML 7Page - Linear Technology LTC2439-1 Datasheet HTML 8Page - Linear Technology LTC2439-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2439-1
2
24391f
(Notes 1, 2)
Supply Voltage (VCC) to GND.......................– 0.3V to 7V
Analog Input Voltage to GND ....... – 0.3V to (VCC + 0.3V)
Reference Input Voltage to GND .. – 0.3V to (VCC + 0.3V)
Digital Input Voltage to GND ........ – 0.3V to (VCC + 0.3V)
Digital Output Voltage to GND ..... – 0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2439-1C ............................................ 0
°C to 70°C
LTC2439-1I ........................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC2439-1CGN
LTC2439-1IGN
TJMAX = 125°C, θJA = 110°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CH8
CH9
CH10
CH11
CH12
CH13
CH14
CH15
VCC
COM
REF+
REF–
NC
NC
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
SDI
FO
SCK
SDO
CS
GND
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1V
≤ VREF ≤ VCC, –0.5 • VREF ≤ VIN ≤ 0.5 • VREF, (Note 5)
q
16
Bits
Integral Nonlinearity
4.5V
≤ VCC ≤ 5.5V, REF+ = 2.5V, REF– = GND, VINCM = 1.25V, (Note 6)
0.06
LSB
5V
≤ VCC ≤ 5.5V, REF+ = 5V, REF– = GND, VINCM = 2.5V, (Note 6)
q
0.12
1.25
LSB
REF+ = 2.5V, REF– = GND, VINCM = 1.25V, (Notes 6, 15)
0.30
LSB
Offset Error
2.5V
≤ REF+ ≤ VCC, REF– = GND,
q
520
µV
GND
≤ IN+ = IN– ≤ VCC, (Notes 12,15)
Offset Error Drift
2.5V
≤ REF+ ≤ VCC, REF– = GND,
10
nV/
°C
GND
≤ IN+ = IN– ≤ VCC
Positive Full-Scale Error
2.5V
≤ REF+ ≤ VCC, REF– = GND,
q
0.16
1.25
LSB
IN+ = 0.75REF+, IN– = 0.25 • REF+ (Note 15)
Positive Full-Scale Error Drift
2.5V
≤ REF+ ≤ VCC, REF– = GND,
0.03
ppm of VREF/°C
IN+ = 0.75REF+, IN– = 0.25 • REF+
Negative Full-Scale Error
2.5V
≤ REF+ ≤ VCC, REF– = GND,
q
0.16
1.25
LSB
IN+ = 0.25 • REF+, IN– = 0.75 • REF+ (Note 15)
Negative Full-Scale Error Drift
2.5V
≤ REF+ ≤ VCC, REF– = GND,
0.03
ppm of VREF/°C
IN+ = 0.25 • REF+, IN– = 0.75 • REF+
Total Unadjusted Error
5V
≤ VCC ≤ 5.5V, REF+ = 2.5V, REF– = GND, VINCM = 1.25V
0.20
LSB
5V
≤ VCC ≤ 5.5V, REF+ = 5V, REF– = GND, VINCM = 2.5V
0.20
LSB
REF+ = 2.5V, REF– = GND, VINCM = 1.25V, (Note 6)
0.25
LSB
Output Noise
5V
≤ VCC ≤ 5.5V, REF+ = 5V, VREF– = GND,
1
µVRMS
GND
≤ IN– = IN+ ≤ 5V (Note 12)
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com