Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO21251042 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO21251042
Description  Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO21251042 Datasheet(HTML) 1 Page - Schneider Electric

  QO21251042 Datasheet HTML 1Page - Schneider Electric QO21251042 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO21251042
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug
in, Shunt Trip
Price** : 617.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
125 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Options
Shunt trip 12/24 V AC/DC
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
Number of Panel Spaces
3
Wire Size
AWG 4...AWG 2/0 copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
57.15 mm (2.25 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 20, 2019
1


Similar Part No. - QO21251042

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO21251021 SCHNEIDER-QO21251021 Datasheet
147Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 6, 2019
More results

Similar Description - QO21251042

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO21251021 SCHNEIDER-QO21251021 Datasheet
147Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 6, 2019
QO2901021 SCHNEIDER-QO2901021 Datasheet
147Kb / 2P
Mini CB, QO, 90 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 16, 2019
QO2501042 SCHNEIDER-QO2501042 Datasheet
151Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 16, 2019
QO2451021 SCHNEIDER-QO2451021 Datasheet
149Kb / 2P
Mini CB, QO, 45 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 16, 2019
QO2251021 SCHNEIDER-QO2251021 Datasheet
154Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 16, 2019
QO230H1021 SCHNEIDER-QO230H1021 Datasheet
153Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO2125VH1021 SCHNEIDER-QO2125VH1021 Datasheet
141Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
QO2125VH1042 SCHNEIDER-QO2125VH1042 Datasheet
56Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Shunt Trip
QO2101021 SCHNEIDER-QO2101021 Datasheet
147Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO2351042 SCHNEIDER-QO2351042 Datasheet
57Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 20, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com