Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO21251200 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO21251200
Description  Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO21251200 Datasheet(HTML) 1 Page - Schneider Electric

  QO21251200 Datasheet HTML 1Page - Schneider Electric QO21251200 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO21251200
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug
in, Aux Switch 1A
Price** : 560.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
125 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Options
Auxiliary switch 120 V AC 1A
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
Number of Panel Spaces
3
Wire Size
AWG 4...AWG 2/0 copper or aluminium
Tightening torque
40.71 lbf.in (4.6 N.m)
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
57.15 mm (2.25 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 20, 2019
1


Similar Part No. - QO21251200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO21251021 SCHNEIDER-QO21251021 Datasheet
147Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 6, 2019
QO21251042 SCHNEIDER-QO21251042 Datasheet
64Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
More results

Similar Description - QO21251200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2125VH1200 SCHNEIDER-QO2125VH1200 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Aux Switch 1A
QO2101200 SCHNEIDER-QO2101200 Datasheet
129Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO2151200 SCHNEIDER-QO2151200 Datasheet
129Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO2201200 SCHNEIDER-QO2201200 Datasheet
151Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO2251200 SCHNEIDER-QO2251200 Datasheet
111Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO2301200 SCHNEIDER-QO2301200 Datasheet
152Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO2351200 SCHNEIDER-QO2351200 Datasheet
110Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO2451200 SCHNEIDER-QO2451200 Datasheet
111Kb / 2P
Mini CB, QO, 45 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO2501200 SCHNEIDER-QO2501200 Datasheet
113Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO21001200 SCHNEIDER-QO21001200 Datasheet
137Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com