Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO21252100 Datasheet(PDF) 1 Page - Schneider Electric

Part # QO21252100
Description  Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO21252100 Datasheet(HTML) 1 Page - Schneider Electric

  QO21252100 Datasheet HTML 1Page - Schneider Electric QO21252100 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
QO21252100
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug
in, Alarm Switch
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 560.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
125 A
Voltage Rating
120/240 V AC
120 V AC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Options
Alarm switch 120 V AC 1A
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
Number of Panel Spaces
3
Wire Size
AWG 4...AWG 2/0 copper or aluminium
Height
88.90 mm (3.5 in)
Depth
73.91 mm (2.91 in)
Width
57.15 mm (2.25 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Dec 20, 2019
1


Similar Part No. - QO21252100

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2125 SCHNEIDER-QO2125 Datasheet
120Kb / 3P
QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in
QO21251021 SCHNEIDER-QO21251021 Datasheet
147Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 6, 2019
QO21251042 SCHNEIDER-QO21251042 Datasheet
64Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO21251200 SCHNEIDER-QO21251200 Datasheet
129Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO2125CP SCHNEIDER-QO2125CP Datasheet
148Kb / 2P
QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in, CP
More results

Similar Description - QO21252100

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO220H2100 SCHNEIDER-QO220H2100 Datasheet
153Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
Dec 20, 2019
QO2125VH2100 SCHNEIDER-QO2125VH2100 Datasheet
152Kb / 2P
Mini CB, QO, 125 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
QO2102100 SCHNEIDER-QO2102100 Datasheet
152Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
QO2152100 SCHNEIDER-QO2152100 Datasheet
152Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
QO2202100 SCHNEIDER-QO2202100 Datasheet
160Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
QO2252100 SCHNEIDER-QO2252100 Datasheet
152Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
QO2302100 SCHNEIDER-QO2302100 Datasheet
160Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
QO2352100 SCHNEIDER-QO2352100 Datasheet
152Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
Dec 20, 2019
QO2602100 SCHNEIDER-QO2602100 Datasheet
152Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
Dec 20, 2019
QO2802100 SCHNEIDER-QO2802100 Datasheet
132Kb / 2P
Mini CB, QO, 80 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com