Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72876216 Datasheet(PDF) 1 Page - Adels-Contact

Part # 72876216
Description  AC 167 REST/ 2 M16
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

72876216 Datasheet(HTML) 1 Page - Adels-Contact

  72876216 Datasheet HTML 1Page - Adels-Contact 72876216 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30/12/2019
Circular Plug Connectors IP68
Circular Plug Connectors AC 167 micro
AC 167 REST/ 2 M16
Panel Mount Plug, 2 pole, Voltage Rating: 250 V, Current Rating: 10 A
Order Info
Reference Number (ref. no.)
72876216
Applications
Lighting, Installation
PU
200
EAN
4028012133833
Type
Type
Panel Mount Plug
Number of poles
2 pole
Clamping Units per Pole
1
Colour
black
Connection Type
Screw
Protection Against Incorrect Plugging
yes
Latch
yes
Technical Data
Voltage Rating
250 V
Current Rating
10 A
Insulating Material
PA 6.6
Contact Material
Brass
Core Cross-Section min.
0.25 mm²
Core Cross-Section max.
1.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
IP Code
IP68
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
6.0 mm
Dismantling Length
20.0 mm
Assembly Contact Screw
0.5x3.0 / 2.0 Nm
Housing Hole Diameter
M16
Tightening Torque Lock Nut
1,5 Nm


Similar Part No. - 72876216

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
72876316 ADELS-72876316 Datasheet
136Kb / 1P
AC 167 REST/ 3 M16
30/12/2019
728764 ADELS-728764 Datasheet
131Kb / 2P
AC 169 REST/ 4 M25
30/12/2019
728764S2 ADELS-728764S2 Datasheet
132Kb / 2P
AC 169 REST/ 4-2 M25
30/12/2019
728764S3 ADELS-728764S3 Datasheet
132Kb / 2P
AC 169 REST/ 4-3 M25
30/12/2019
728764WS ADELS-728764WS Datasheet
114Kb / 1P
AC 169 REST/ 4 M25 LWD
30/12/2019
More results

Similar Description - 72876216

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
724062D3 ADELS-724062D3 Datasheet
151Kb / 1P
AC 167 RVH 4/2
30/12/2019
728714S2 ADELS-728714S2 Datasheet
128Kb / 2P
AC 169 REST/ 4-2 M20
30/12/2019
728764S2 ADELS-728764S2 Datasheet
132Kb / 2P
AC 169 REST/ 4-2 M25
30/12/2019
729042 ADELS-729042 Datasheet
115Kb / 1P
AC 167 RVKS M16
30/12/2019
729043 ADELS-729043 Datasheet
157Kb / 1P
AC 167 RVKB/ 2 M16
30/12/2019
729046 ADELS-729046 Datasheet
110Kb / 1P
AC 167 RVKB/ 3 M16
30/12/2019
72206216 ADELS-72206216 Datasheet
125Kb / 2P
AC 167 RST/ 2 6-7
30/12/2019
72876316 ADELS-72876316 Datasheet
136Kb / 1P
AC 167 REST/ 3 M16
30/12/2019
72886216 ADELS-72886216 Datasheet
125Kb / 2P
AC 167 REBU/ 2 M16
30/12/2019
72886316 ADELS-72886316 Datasheet
137Kb / 1P
AC 167 REBU/ 3 M16
30/12/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com