Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U209-006-RJ45-X Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U209-006-RJ45-X
Description  USB to RJ45 Cisco Serial Rollover Cable, USB Type-A to RJ45 M/M, 6 ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U209-006-RJ45-X Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U209-006-RJ45-X Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U209-006-RJ45-X Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to RJ45 Cisco Serial Rollover Cable, USB
Type-A to RJ45 M/M, 6 ft.
MODEL NUMBER: U209-006-RJ45-X
Connects your computer or laptop’s USB port to your Cisco modem, router, firewall, switch or other serial-
based Cisco device with a console port.
Description
The U209-006-RJ45-X USB to RJ45 Cisco Serial Rollover Cable is designed for consumers and IT
professionals who want to connect their computer or laptop’s USB port to their Cisco® modem, router,
firewall, switch or other serial-based Cisco device with a console port. Convenient six-foot cable
eliminates the need for additional cables or adapters. Install the drivers using the included CD, then attach
the RJ45 plug to your Cisco device and the USB plug to your computer for a direct connection (Note: If
your computer has no CD drive, the drivers are available online for you to download). No external power is
required. Works with older and new Cisco models. Supports data transfer rates up to 250 Kbps, as well as
remote wake-up and power management. Premium double shielding eliminates crosstalk and reduces
EMI/RFI line noise that could negatively affect your transfer speeds and data. Compatible with Windows®,
Mac® and Linux.
Features
Connects Computer’s USB Port to Cisco Device
Connect computer or laptop to Cisco modem, router, firewall, switch or other serial-based Cisco device
with a console port
q
Works with older and new Cisco models
q
6 ft. long
q
Top-of-the-Line Performance
Supports data transfer rates up to 250 Kbps
q
Supports remote wake-up and power management
q
Utilizes FTDI chipset.
q
Highlights
Supports data transfer rates up
to 250 Kbps
q
Supports remote wake-up and
power management
q
Double shielding reduces
crosstalk and EMI/RFI line noise
q
Compatible with Windows, Mac
and Linux
q
No cables, adapters or external
power required
q
System Requirements
Computer with available USB
port
q
Cisco device with available
RJ45 console port
q
Windows, Mac or Linux
operating system
q
Package Includes
U209-006-RJ45-X USB to RJ45
Cisco Serial Rollover Cable
q
Driver CD
q
Owner’s manual
q
1 / 2


Similar Part No. - U209-006-RJ45-X

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U209-006-RJ45XC TRIPPLITE-U209-006-RJ45XC Datasheet
172Kb / 3P
USB-C to RJ45 Serial Rollover Cable (M/M) - Cisco Compatible, 250 Kbps, 6 ft. (1.8 m)
More results

Similar Description - U209-006-RJ45-X

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U206006R TRIPPLITE-U206006R Datasheet
508Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 6-ft
U209000R TRIPPLITE-U209000R Datasheet
524Kb / 2P
USB to Serial Adapter Cable (USB-A to DB9 M-M), 5-ft
N205-006-BL-FCR TRIPPLITE-N205-006-BL-FCR Datasheet
499Kb / 2P
Cisco Console Rollover Cable (RJ45 M/M), 6 ft.
N205-010-BL-FCR TRIPPLITE-N205-010-BL-FCR Datasheet
499Kb / 2P
Cisco Console Rollover Cable (RJ45 M/M), 10 ft.
P430-006 TRIPPLITE-P430-006 Datasheet
177Kb / 2P
6 ft RJ45 to DB9F Cisco Serial Console Port Rollover Cable
N034-001 TRIPPLITE-N034-001 Datasheet
164Kb / 2P
Cisco Serial Console Rollover RJ45 M/F Adapter
N034-05N-BL TRIPPLITE-N034-05N-BL Datasheet
168Kb / 2P
Cisco Console Rollover Cable Adapter (M/F) - RJ45 to RJ45, Blue, 5 in.
U206-006-R TRIPPLITE-U206-006-R Datasheet
175Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 6-ft.
U209-006-RJ45XC TRIPPLITE-U209-006-RJ45XC Datasheet
172Kb / 3P
USB-C to RJ45 Serial Rollover Cable (M/M) - Cisco Compatible, 250 Kbps, 6 ft. (1.8 m)
N034-001-SH TRIPPLITE-N034-001-SH Datasheet
171Kb / 2P
Cisco Serial Console Rollover Adapter (M/F) - RJ45 to RJ45, Shielded, Blue
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com