Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

040G13 Datasheet(PDF) 1 Page - Adels-Contact

Part # 040G13
Description  LK 980-01/ 3 GW V0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

040G13 Datasheet(HTML) 1 Page - Adels-Contact

  040G13 Datasheet HTML 1Page - Adels-Contact 040G13 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06/01/2020
Screwless Connectors
Luminaire Connectors
LK 980-01/ 3 GW V0
Terminal Block, 3 pole, Fixing: Screw, Voltage Rating: 450 V, Current
Rating: 24 A, Cross-Section: 2.5 mm², External Connection
Type: screwless
Order Info
Reference Number (ref. no.)
040G13
Applications
Lighting, Electrical Appliances
PU
500
EAN
4028012124824
Type
Type
Terminal Block
Number of poles
3 pole
Clamping Units per Pole
2
Colour
natural
Cross-Section
2.5 mm²
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6.6-GW V0
Contact Material
Spring Steel, Copper
Flammability Rating
V-0
max. Ambient Temperature Operation
85 °C
Stripping Length
8.0-9.0 mm
Internal Core Cross-Section max.
1.5 / 2.5 mm²
External Core Cross-Section min.
0.5 mm²
External Core Cross-Section max.
2.5 mm²
Fixing
Screw
External Connection Type
screwless
Internal Core Cross-Section min.
0.5 mm²
Type of Conductor Solid External
yes
Type of Conductor Flexible External
yes
Type of Conductor Stranded External
yes
Type of Conductor Solid Internal
yes
Type of Conductor Stranded Internal
yes


Similar Part No. - 040G13

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
040G12 ADELS-040G12 Datasheet
117Kb / 2P
LK 980-01/ 2 GW V0
06/01/2020
040G14 ADELS-040G14 Datasheet
118Kb / 2P
LK 980-01/ 4 GW V0
06/01/2020
More results

Similar Description - 040G13

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
040G12 ADELS-040G12 Datasheet
117Kb / 2P
LK 980-01/ 2 GW V0
06/01/2020
040G14 ADELS-040G14 Datasheet
118Kb / 2P
LK 980-01/ 4 GW V0
06/01/2020
044G14 ADELS-044G14 Datasheet
119Kb / 2P
LK 980-01 RZ/ 4 GW V0
06/01/2020
045G12 ADELS-045G12 Datasheet
117Kb / 2P
LK 980-01 RZ/ 2 GW V0
06/01/2020
045G13 ADELS-045G13 Datasheet
118Kb / 2P
LK 980-01 RZ/ 3 GW V0
06/01/2020
045G15 ADELS-045G15 Datasheet
120Kb / 2P
LK 980-01 RZ/ 5 GW V0
06/01/2020
040013 ADELS-040013 Datasheet
118Kb / 2P
LK 980-01/ 3
06/01/2020
041013 ADELS-041013 Datasheet
118Kb / 2P
LK 980-01/ 3 printed
06/01/2020
041413 ADELS-041413 Datasheet
119Kb / 2P
LK 980-01/ 3 STW printed
06/01/2020
044313 ADELS-044313 Datasheet
119Kb / 2P
LK 980-01 RZ/ 3 ST
06/01/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com