Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA0102A Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # PCA0102A
Description  LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

PCA0102A Datasheet(HTML) 1 Page - Z-Communications, Inc

  PCA0102A Datasheet HTML 1Page - Z-Communications, Inc PCA0102A Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
2
10
3
10
4
10
5
-130
-120
-110
-100
-90
-80
-70
PCA0102A
Telecommunications
Satellite
Telemetry
3
21
102.4
-65
-100
-10
4
n/a
-40 to 85
Frequency Range
Harmonic Suppression (2nd, typ.)
Sideband Spurs (typ.)
Switching Speed (typ., adjacent channel)
Startup Lock Time (typ.)
Operating Temperature Range
Package Style
cPLL
MHz
dBc
dBc
mSec
mSec
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
PHASE LOCKED LOOP
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
102.4
MHz
• Step Size:
50 KHz
- Style Package
cPLL
•
•
•
•
A1
Rev
•
AN-107 : How to Solder Z-COMM VCOs / PLLs
•
AN-200 : Mounting and Grounding of Z-COMM PLLs
•
AN-201 : PLL Fundamentals
AN-202 : PLL Functional Description
NOTES:
Reference Oscillator Signal: 5 MHz<
f
osc <100 MHz
Frequency Synthesizer: Analog Devices - ADF4001
9939 Via Pasar • San Diego, CA 92126
TEL (858) 621-2700 FAX (858) 621-2722
Power Output
0±2
dBm
Load Impedance
50
Step Size
50
KHz
1250
102.4
-
• Frequency Range:
-
102.4
Ω
Charge Pump Output Current
µΑ
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
dBc/Hz


Similar Part No. - PCA0102A

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PCA0102A ZCOMM-PCA0102A_10 Datasheet
74Kb / 2P
PHASE LOCKED LOOP
More results

Similar Description - PCA0102A

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA0250A ZCOMM-PSA0250A Datasheet
81Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA1780A ZCOMM-PSA1780A Datasheet
80Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA1875A ZCOMM-PSA1875A Datasheet
80Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA1905A ZCOMM-PSA1905A Datasheet
75Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA3230C ZCOMM-PSA3230C Datasheet
76Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA4900A ZCOMM-PSA4900A Datasheet
79Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA5300A ZCOMM-PSA5300A Datasheet
80Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSN0800A ZCOMM-PSN0800A Datasheet
76Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSN2450A ZCOMM-PSN2450A Datasheet
77Kb / 2P
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com