Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09VR Datasheet(PDF) 1 Page - CTS Corporation

Part # 09VR
Description  9mm Panel Potentiometer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

09VR Datasheet(HTML) 1 Page - CTS Corporation

  09VR Datasheet HTML 1Page - CTS Corporation 09VR Datasheet HTML 2Page - CTS Corporation 09VR Datasheet HTML 3Page - CTS Corporation 09VR Datasheet HTML 4Page - CTS Corporation 09VR Datasheet HTML 5Page - CTS Corporation 09VR Datasheet HTML 6Page - CTS Corporation 09VR Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2019 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
2019-08-22 Rev. B
Page 1 of 7
Series 09VR
9mm Panel Potentiometer
Miniature 9 mm package size
Rotational life (5,000 cycles)
Wide temperature range (-10°C to +70°C)
Mechanical travel options (280°and 300°)
Variety of standard resistances and tapers
Applications
Consumer portable electronics
Commercial appliances
Instrument amplifiers and guitar effects
Keyboards and synthesizers
Communications equipment
Ordering Information
Ordering Information
Code Spec.**
A2
10% Log
A3
15% Log
B1
linear
C3
15% Antilog
Code
Spec.
1
280°
2
300°
Code
Spec.
M
Horizontal/Side Mount
Bushingless, PC Pins,
6.5mm Height
B
Horizontal/Side Mount
Sleeve Bushing, PC Pins,
6.5mm Height
S
Horizontal/Side Mount
Thread Bushing, PC Pins,
6.5mm Height
H
Vertical/Rear Mount
Thread Bushing, PC Pins
K
Vertical/Rear Mount
Sleeve Bushing, PC Pins
U
Vertical/Rear Mount
Bushingless, PC Pins
Code Spec.*
15
15 mm
20
20 mm
25
25 mm
30
30 mm
Code
Spec.
N
No Detent
C
Center Detent
Code
Spec.
B
Knurled
(18 teeth)
F
Flatted
L
Knurled
(40 teeth)
Code
Spec.
502
5kΩ
103
10kΩ
203
20kΩ
503
50kΩ
104
100kΩ
254
250kΩ
504
500kΩ
* See shaft trim options for available lengths.
** Other JIS tapers are available. See charts.
Code
Spec.
1
Single
Series
Element
Terminal
Configuration
Shaft
Length
Shaft
Trim
Mechanical
Travel
Detent
Option
Resistance
Code
Resistance
Taper
09VR
1
M
20
F
2
N
103
B1


Similar Description - 09VR

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSR-3309 SUNTAN-TSR-3309 Datasheet
841Kb / 1P
Round Trimming Potentiometer - 3309 9mm
logo
Kingtronics Internation...
RKT-3309 KINGTRONICS-RKT-3309 Datasheet
508Kb / 1P
RKT-3309 Round Trimming Potentiometer 9mm
RKT-3329 KINGTRONICS-RKT-3329 Datasheet
508Kb / 1P
RKT-3309 Round Trimming Potentiometer 9mm
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
9mm Rotary Potentiometer
logo
Suntan Capacitors
TSR-3309 SUNTAN-TSR-3309_17 Datasheet
275Kb / 1P
Round Trimming Potentiometer ??3309 9mm
logo
TT Electronics.
P08X TTELEC-P08X Datasheet
1Mb / 7P
Panel Potentiometer
P09X TTELEC-P09X Datasheet
976Kb / 6P
Panel Potentiometer
P090 TTELEC-P090 Datasheet
546Kb / 3P
Panel Potentiometer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com