Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11VR Datasheet(PDF) 8 Page - CTS Corporation

Part # 11VR
Description  11mm Panel Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

11VR Datasheet(HTML) 8 Page - CTS Corporation

  11VR Datasheet HTML 1Page - CTS Corporation 11VR Datasheet HTML 2Page - CTS Corporation 11VR Datasheet HTML 3Page - CTS Corporation 11VR Datasheet HTML 4Page - CTS Corporation 11VR Datasheet HTML 5Page - CTS Corporation 11VR Datasheet HTML 6Page - CTS Corporation 11VR Datasheet HTML 7Page - CTS Corporation 11VR Datasheet HTML 8Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
©2019 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Series 11VR
11mm Panel Potentiometer
2019-04-16 Rev. A
Page 8 of 8
Mechanical Specifications
18 Tooth Knurl Shaft Trim Option
Electrical Specification
Series 11VR Taper Graphs
300° ROTATION
Unit: mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com