Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14VR Datasheet(PDF) 1 Page - CTS Corporation

Part # 14VR
Description  14mm Panel Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

14VR Datasheet(HTML) 1 Page - CTS Corporation

  14VR Datasheet HTML 1Page - CTS Corporation 14VR Datasheet HTML 2Page - CTS Corporation 14VR Datasheet HTML 3Page - CTS Corporation 14VR Datasheet HTML 4Page - CTS Corporation 14VR Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2019 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
2019-04-16 Rev. a
Page 1 of 5
Series 14VR
14mm Panel Potentiometer
Standard 14mm package size
Rotational life (15,000 cycles)
Wide temperature range (-10°C to +70°C)
Dual output with excellent tracking (±2 dB)
Variety of standard resistances & tapers
Applications
Consumer portable electronics
Commercial appliances
Instrument amplifiers and guitar effects
Keyboards and synthesizers
Communications equipment
Ordering Information
Code Spec.**
A2
10% Log
A3
15% Log
B1
linear
C3
15% Antilog
Code Spec.
2
300°
Code
Spec.
X
Horizontal/Side Mount
Bushingless, PC Pins,
10mm Height
H
Vertical/Rear Mount
Thread Bushing, PC Pins
K
Vertical/Rear Mount
Sleeve Bushing, PC Pins
Y
Horizontal/Side Mount
Thread Bushing, PC Pins,
10mm Height
U
Vertical/Rear Mount
Bushingless, PC Pins
Code Spec.*
12
12.5 mm
15
15 mm
17
17.5 mm
20
20 mm
22
22.5 mm
25
25 mm
27
27.5 mm
30
30 mm
Code
Spec.
N
No Detent
C
Center Detent
Code
Spec.
F
Flatted
Code
Spec.
502
5kΩ
103
10kΩ
203
20kΩ
503
50kΩ
104
100kΩ
254
250kΩ
504
500kΩ
Series
Element
Terminal
Configuration
Shaft
Length
Shaft
Trim
Mechanical
Travel
Detent
Option
Resistance
Code
Resistance
Taper
14VR
2
H
20
F
2
N
103
B1
* See shaft trim options for available lengths.
** Other JIS tapers are available. See charts.
Code Spec.
2
Dual


Similar Description - 14VR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE60 VISHAY-PE60 Datasheet
123Kb / 5P
Power Panel Potentiometer
05-Jun-08
logo
Bi technologies
P140KV BITECH-P140KV_09 Datasheet
87Kb / 4P
14mm Rotary Potentiometer
logo
TT Electronics.
P08X TTELEC-P08X Datasheet
1Mb / 7P
Panel Potentiometer
P09X TTELEC-P09X Datasheet
976Kb / 6P
Panel Potentiometer
P090 TTELEC-P090 Datasheet
546Kb / 3P
Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
Power Panel 6 W Potentiometer
04-Jul-17
logo
CTS Corporation
09VR CTS-09VR Datasheet
1Mb / 7P
9mm Panel Potentiometer
11VR CTS-11VR Datasheet
1Mb / 8P
11mm Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
Power Panel 6 W Potentiometer
12-Dec-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com