Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMCCASTER Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DMCCASTER
Description  Locking Caster Kit for Rolling TV/Monitor Carts - Heavy Duty, Swivel, 4 in. Diameter, 4 Casters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMCCASTER Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DMCCASTER Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMCCASTER Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Locking Caster Kit for Rolling TV/Monitor Carts -
Heavy Duty, Swivel, 4 in. Diameter, 4 Casters
MODEL NUMBER: DMCCASTER
Replaces the existing smaller casters on Tripp Lite rolling TV/monitor carts with stronger, longer-lasting 4
in. steel casters.
Features
Modify Your Rolling TV/Monitor Cart for More Reliable Mobility from Room to Room
This heavy-duty caster set lets you roll your Tripp Lite rolling TV/monitor cart from one room to another, so
you can safely, quickly and conveniently deliver your message directly to your audience. The
DMCCASTER includes four swiveling casters, made from durable steel and measuring four inches in
diameter. Each caster is specially designed for smooth rolling of heavy loads, even through doorways and
across carpeting. A wrench is included for removing the stock casters from your rolling cart and installing
these upgrades.
Highlights
4 heavy-duty casters roll
smoothly across level floors and
through doorways
q
Ideal for easy movement from
carpet to tile, wood, concrete or
almost any surface
q
Lock tight to keep the rolling cart
securely in position while at rest
q
Recommended for symmetrical
ride across classrooms, offices,
trade shows and lobbies
q
Applications
Upgrade your Tripp Lite rolling
TV/monitor cart with sturdier
metal casters designed for
smooth, reliable movement
q
System Requirements
Tripp Lite DMCS3770L,
DMCS3270XP, DMCS60100XX
and other compatible rolling
TV/monitor carts
q
Package Includes
(4) Swivel casters, 4 in.
q
Wrench
q
Installation guide
q
OVERVIEW
UPC Code
037332249159
PHYSICAL
Color
Silver
Material of Construction
Steel
1 / 2


Similar Part No. - DMCCASTER

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Adam Technologies, Inc.
DMC-01-B ADAM-TECH-DMC-01-B Datasheet
73Kb / 1P
MALE CRIMP FOR DDH SERIES
DMC-01-R ADAM-TECH-DMC-01-R Datasheet
67Kb / 1P
MALE CRIMP FOR DDH SERIES
logo
Kyocera Kinseki Corpota...
DMC-16202 KSS-DMC-16202 Datasheet
269Kb / 4P
Monochrome Graphic & Character LCDs
DMC-20261 KSS-DMC-20261 Datasheet
269Kb / 4P
Monochrome Graphic & Character LCDs
More results

Similar Description - DMCCASTER

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
RC-4835-PR BUD-RC-4835-PR Datasheet
25Kb / 1P
SWIVEL CASTER
RC-7761 BUD-RC-7761 Datasheet
54Kb / 1P
SWIVEL CASTER WITH BRAKE
logo
Lumins Inc.
PR1650 LUMINIS-PR1650 Datasheet
500Kb / 3P
Standard heavy duty 45 hang straight swivel
PR1690 LUMINIS-PR1690 Datasheet
366Kb / 3P
Standard heavy duty 45 hang straight swivel
PR2270 LUMINIS-PR2270 Datasheet
417Kb / 3P
Standard heavy duty 45 hang straight swivel
logo
Tripp Lite. All Rights ...
SRCASTER TRIPPLITE-SRCASTER Datasheet
467Kb / 2P
SmartRack Rolling Caster Kit, 4 pack
SRCASTERHDKIT TRIPPLITE-SRCASTERHDKIT Datasheet
480Kb / 2P
SmartRack Heavy-Duty Rolling Caster Kit, 4 pack
logo
Bud Industries, Inc.
RC-7761-PR BUD-RC-7761-PR Datasheet
54Kb / 1P
SWIVEL CASTER WITH BRAKE
logo
Tripp Lite. All Rights ...
WWSSRDSTC TRIPPLITE-WWSSRDSTC Datasheet
162Kb / 2P
Rolling Desk TV/Monitor Cart - Height Adjustable
logo
SparkFun Electronics
ROB-12124 SPARKFUN-ROB-12124 Datasheet
144Kb / 1P
Heavy Duty Wheel - 4
2/15/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com