Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3301-ISZ Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS3301-ISZ
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301-ISZ Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS3301-ISZ Datasheet HTML 8Page - Cirrus Logic CS3301-ISZ Datasheet HTML 9Page - Cirrus Logic CS3301-ISZ Datasheet HTML 10Page - Cirrus Logic CS3301-ISZ Datasheet HTML 11Page - Cirrus Logic CS3301-ISZ Datasheet HTML 12Page - Cirrus Logic CS3301-ISZ Datasheet HTML 13Page - Cirrus Logic CS3301-ISZ Datasheet HTML 14Page - Cirrus Logic CS3301-ISZ Datasheet HTML 15Page - Cirrus Logic CS3301-ISZ Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CS3301
DS595F2
13
2.4
Connection Diagram
Figure 4 shows a connection diagram for the
CS3301 amplifier when used with the CS5372 dual
∆Σ modulator and CS5376A digital filter. The dia-
gram shows differential sensors, a test DAC, and
analog outputs with anti-alias capacitors; power
supply connections including recommended by-
passing; and digital control connections back to the
CS5376A GPIO pins.
0.02
µF
C0G
0.02
µF
C0G
0.02
µF
C0G
0.02
µF
C0G
CS5372
∆Σ Modulator
INF+
INR+
INF-
INR-
INF-
INR-
INF+
INR+
VREF+
VREF-
VA+
VA-
VD
DGND
MDATA1
MFLAG1
MDATA2
MFLAG2
MCLK
MSYNC
PWDN1
OFST
PWDN2
LPWR
CS3301
Differential
Amplifier
INB+
INA+
INA-
INB-
OUTF-
OUTR-
OUTF+
OUTR+
VA+
VA-
VD
DGN
D
CLK
GAIN
MUX
PWDN
LPWR
CS3301
Differential
Amplifier
INB+
INA+
INA-
INB-
OUTF-
OUTR-
OUTF+
OUTR+
VA+
VA-
VD
DGN
D
CLK
GAIN
MUX
PWDN
LPWR
VA-
0.1
µF
VA+
0.1
µF
VA-
0.1
µF
VA+
0.1
µF
VD
0.01
µF
VD
0.01
µF
MCLK
GPIO
GPIO
GPIO (x2)
GPIO (x3)
MCLK
GPIO
GPIO
GPIO (x2)
GPIO (x3)
Differential
Sensor
Differential
Sensor
CS4373A
Test DAC
3
2
3
2
To CS5376A
Digital Control
To CS5376A
Digital Control
2.5 V
Reference
VA+
0.1
µF
0.01
µF
VD
VA-
0.1
µF
Figure 4. CS3301 Amplifier Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com