Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

114709 Datasheet(PDF) 1 Page - Adels-Contact

Part # 114709
Description  900-07/ 9 DS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

114709 Datasheet(HTML) 1 Page - Adels-Contact

  114709 Datasheet HTML 1Page - Adels-Contact 114709 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06/01/2020
Screw-Screwless Connectors
900-07/ 9 DS
Terminal Block, 9 pole, Fixing: Screw, Wire Protector (DS): yes, Clamping
Units per Pole: 2, Voltage Rating: 450 V, Current Rating: 17.5 A, Cross-
Section Rating External: 2.5 mm², Cross-Section Rating
Internal: 1.5 mm²
Order Info
Reference Number (ref. no.)
114709
Applications
Lighting, Electrical Appliances
PU
300
Type
Type
Terminal Block
Number of poles
9 pole
Clamping Units per Pole
2
Colour
white
Cross-Section
1.5 / 2.5 mm²
Connection Type
Screw-screwless
Wire Protector (DS)
yes
Technical Data
Voltage Rating
450 V
Current Rating
17.5 A
Insulating Material
PA 6.6
Contact Material
Spring Steel, Steel
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Internal Core Cross-Section max.
2.5 mm²
Internal Stripping Length
7.0-7.5 mm
External Stripping Length
8.0-8.5 mm
Fixing
Screw
Internal Core Cross-Section min.
0.5 mm²
Type of Conductor Solid External
yes
Type of Conductor Flexible External
yes
Type of Conductor Solid Internal
yes
Type of Conductor Stranded Internal
yes
Cross-Section Rating External
2.5 mm²


Similar Part No. - 114709

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1147090000 WEIDMULLER-1147090000 Datasheet
1Mb / 19P
BLF 5.08HC/18/180 SN BK BX
More results

Similar Description - 114709

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
114701 ADELS-114701 Datasheet
117Kb / 2P
900-07/ 1 DS
114703 ADELS-114703 Datasheet
119Kb / 2P
900-07/ 3 DS
114704 ADELS-114704 Datasheet
120Kb / 2P
900-07/ 4 DS
114705 ADELS-114705 Datasheet
121Kb / 2P
900-07/ 5 DS
114706 ADELS-114706 Datasheet
122Kb / 2P
900-07/ 6 DS
114707 ADELS-114707 Datasheet
123Kb / 2P
900-07/ 7 DS
114708 ADELS-114708 Datasheet
123Kb / 2P
900-07/ 8 DS
114710 ADELS-114710 Datasheet
125Kb / 2P
900-07/10 DS
114712 ADELS-114712 Datasheet
125Kb / 2P
900-07/12 DS
114909 ADELS-114909 Datasheet
126Kb / 2P
900-07 RZ/ 9 DS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com