Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTA1663 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1663
Description  PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1663 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1663 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1663 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-1.5
A
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-1mA, IE=0
-30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA, IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
μA
DC current gain
hFE
VCE=-2V, IC=-0.5A
100
320
Collector-emitter saturation voltage
VCE(sat)
IC=-1.5A, IB=-30mA
-2
V
Base-emitter voltage
VBE
VCE=-2V, IC=-0.5A
-1
V
Transition frequency
fT
VCE=-2V, IC=-500mA
120
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0,f=1MHz
50
MHz
2011. 08. 24
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTA1663
PNP Transistor
FEATURES
High current applications
Complementary to FTC4375
CLASSIFICATION OF
hFE(1)
Rank
Y
O
Range
0
2
3
-
0
6
1
0
0
2
-
0
0
1
Marking
Y
H
O
H
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. BASE
2. COLLECTOR
3. EMITTER


Similar Part No. - FTA1663

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1661 FS-FTA1661 Datasheet
105Kb / 1P
PNP Transistor
FTA1662 FS-FTA1662 Datasheet
108Kb / 2P
Complementary to FTC4374
FTA1664 FS-FTA1664 Datasheet
333Kb / 2P
TRANSISTOR (PNP)
FTA1666 FS-FTA1666 Datasheet
1Mb / 3P
TRANSISTOR (PNP)
FTA1668 FS-FTA1668 Datasheet
250Kb / 3P
TRANSISTOR(PNP)
More results

Similar Description - FTA1663

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com