Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTB772F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTB772F
Description  PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB772F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTB772F Datasheet HTML 1Page - First Silicon Co., Ltd FTB772F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
CE
-16
-12
-20
4
-
-8
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
I - V
C
COLLECTOR CURRENT I
(mA)
C
FE
h
- IC
COLLECTOR CURRENT I (mA)
C
CE(sat)
V
,V
- I C
-3
-5
1
COLLECTOR-EMITTER VOLTAGE V
(V)
3
10
30
CE
SAFE OPERATING AREA
-0.4
-1.0
-1.2
-1.6
1
5
10
30
50
100
300
-0.01
1K
3
500
-10
-3
C
-0.3
-0.1
-1
COLLECTOR CURRENT I (A)
-1
-0.5
-0.3
-0.1
-0.05
-0.03
-0.01
-10
100
300
1K
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
C
f - I
T
1
5
10
50
30
100
300
500
1K
-100
-1K
-3K
V =-2V
CE
-1K
-10
-1
-100
-500
-1K
-3
-10
-30
-100
-30
-300
-3K
BE(sat)
-0.03
V =-5V
CE
I MAX
(PULSED)
C
I MAX
(CONTINUOUS)
C
DC
OPERATION
10mS
I =-1mA
B
I =-2mA
B
I =-3mA
B
I =-4mA
B
I =-5mA
B
I =-6mA
B
I =-7mA
B
I =-8mA
B
I =-9mA
B
I =-10mA
B
-1
1
3
5
10
300
500
100
30
50
1K
COLLECTOR-BASE VOLTAGE V
(V)
-3
-30
-100
CB
-300 -1K
C - V
ob
I =0
E
CB
f=1MHz
-5K
BE
V (sat)
V (sat)
CE
I /I =10
C B
-1.8
-300
-30
-1 -3 -10
3
-3
-5
-50
-300
-3K
-10K
-10
2013.01. 03
2/2
FTB772F
Revision No : 0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com