Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP2010-R33M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP2010-R33M
Description  SRP2010 Series - SMD Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP2010-R33M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP2010-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP2010-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP2010-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRP2010-R33M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.0 ± 0.2
(.079 ± .008)
1.6 ± 0.2
(.063 ± .008)
1.6
(.063)
0.5 ± 0.3
(.020 + .012)
0.5 ± 0.3
(.020 + .012)
1.0
(.039)
MAX.
2.0
(.079)
0.9
(.035)
Features
■
Wirewound construction
■
Iron powder core
■
Magnetically shielded construction
provides low radiation
■
Low DC resistance
■
Low profile
■
RoHS compliant*
Applications
■
DC/DC converters for:
- Smart phones
- DVC/DSCs
- Tablets
- HDD/SSDs
- Mobile electronic devices
SRP2010 Series - SMD Power Inductors
Inductance Test Frequency/
Voltage ............................... 1 MHz/1 V
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-50 °C to +125 °C
Rated Current
............ Inductance drops 30 % at Isat
Temperature Rise .....40 °C at rated Irms
Resistance to Soldering Heat ....+260 °C
Electrical Specifications @ 25 °C
General Specifications
Core.....................................Iron powder
Terminal ......................................... Ni/Sn
Packaging....... 3000 pcs. per 7-inch reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
Bourns
Part Number
Inductance
@ 1 MHz / 1 V
DCR
(mΩ) Max.
Irms
(A)
Isat
(A)
L (μH)
Tol. (%)
SRP2010-R24M
0.24
20
21
4.5
5.6
SRP2010-R33M
0.33
20
29
3.8
5.0
SRP2010-R47M
0.47
20
40
3.3
4.4
SRP2010-R68M
0.68
20
49
3.1
3.7
SRP2010-1R0M
1.0
20
69
2.6
2.9
SRP2010-1R5M
1.5
20
137
1.9
2.5
SRP2010-2R2M
2.2
20
150
1.7
1.9
Electrical Schematic
How to Order
SRP2010 - 1R0M
Model
Value Code (see table)
Soldering Profile
t
25 °C to Peak
ts
Preheat
tL
tp
25
TL
Tp
Time (Seconds)
RAMP-DOWN
RAMP-UP
Tsmax
Tsmin
CRITICAL
ZONE
TL to TP
Profi
y
l
b
m
e
s
s
A
e
e
r
F
b
P
e
r
u
t
a
e
F
e
l
Average Ramp Rate (TSmax to TP)
3 °C/second max.
Preheat
- Temperature Min. (TSmin)
- Temperature Max. (TSmax)
- Time (tsmin to tsmax)
150 °C
200 °C
60-180 seconds
Time Maintained Above
- Temperature (TL)
- Time (tL)
217 °C
60-150 seconds
Peak Temperature (Tp
C
°
5
-
/
0
+
C
°
0
6
2
)
Time within 5 °C of Actual Peak Temperature
(Tp
s
d
n
o
c
e
s
0
4
-
0
2
)
.
x
a
m
d
n
o
c
e
s
/
C
°
6
e
t
a
R
n
w
o
D
-
p
m
a
R
Time 25 °C to Peak Temperature
8 minutes max.
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - SRP2010-R33M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP2010DPA BOURNS-SRP2010DPA Datasheet
652Kb / 3P
SRP2010DPA Series - Shielded Power Inductors
02/22
SRP2010DPA-1R0M BOURNS-SRP2010DPA-1R0M Datasheet
652Kb / 3P
SRP2010DPA Series - Shielded Power Inductors
02/22
SRP2010DPA-1R5M BOURNS-SRP2010DPA-1R5M Datasheet
652Kb / 3P
SRP2010DPA Series - Shielded Power Inductors
02/22
SRP2010DPA-2R2M BOURNS-SRP2010DPA-2R2M Datasheet
652Kb / 3P
SRP2010DPA Series - Shielded Power Inductors
02/22
SRP2010DPA-3R3M BOURNS-SRP2010DPA-3R3M Datasheet
652Kb / 3P
SRP2010DPA Series - Shielded Power Inductors
02/22
More results

Similar Description - SRP2010-R33M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM3308-100M-RC BOURNS-PM3308-100M-RC Datasheet
227Kb / 3P
PM3308 Series - SMD Power Inductors
logo
Taiyo Yuden (U.S.A.), I...
NS10165T100MNA TAIYO-YUDEN-NS10165T100MNA Datasheet
155Kb / 1P
SMD Power Inductors (NS series)
NS12575T330MN TAIYO-YUDEN-NS12575T330MN Datasheet
167Kb / 2P
SMD Power Inductors (NS series)
NS12575T680MN TAIYO-YUDEN-NS12575T680MN Datasheet
167Kb / 2P
SMD Power Inductors (NS series)
NR3010T2R2M TAIYO-YUDEN-NR3010T2R2M Datasheet
300Kb / 3P
SMD Power Inductors (NR series)
NR3010T3R3M TAIYO-YUDEN-NR3010T3R3M Datasheet
300Kb / 3P
SMD Power Inductors (NR series)
NR3010T330M TAIYO-YUDEN-NR3010T330M Datasheet
300Kb / 3P
SMD Power Inductors (NR series)
NR3010T1R0N TAIYO-YUDEN-NR3010T1R0N_19 Datasheet
302Kb / 3P
SMD Power Inductors (NR series)
NR3010T1R5N TAIYO-YUDEN-NR3010T1R5N Datasheet
302Kb / 3P
SMD Power Inductors (NR series)
NR3015T1R5N TAIYO-YUDEN-NR3015T1R5N Datasheet
293Kb / 3P
SMD Power Inductors (NR series)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com