Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP4012TA-R47M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP4012TA-R47M
Description  SRP4012TA Series - Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4012TA-R47M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP4012TA-R47M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4012TA-R47M Datasheet HTML 2Page - Bourns Electronic Solutions SRP4012TA-R47M Datasheet HTML 3Page - Bourns Electronic Solutions SRP4012TA-R47M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SRP4012TA Series - Shielded Power Inductors
4R7
Features
■
Shielded construction
■
Carbonyl powder core
■
High saturation current
■
Low profile - 1.0 mm
■
Inductance range: 0.10 to 10 µH
■
AEC-Q200 qualified
■
RoHS compliant* and halogen free**
Bourns
Part Number
Inductance
@ 100 KHz
/ 1 V
Q (Min.)
@100 KHz
/ 1 V
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
Irms
(A)
Isat
(A)
Terminal
Type
L (μH)
Tol.
(%)
SRP4012TA-R10Y
0.10
±30
5
400
4.3
5.5
11.5
25
Lead
Frame
SRP4012TA-R22M
0.22
±20
5
200
6.6
8
8.5
20
SRP4012TA-R36M
0.36
±20
10
143
15.5
18
6.5
8.5
SRP4012TA-R47M
0.47
±20
10
120
18
20
6.0
6.5
SRP4012TA-R60M
0.60
±20
10
117
22.5
26
5.3
6
SRP4012TA-1R0M
1.0
±20
10
80
41
47
4.0
6
SRP4012TA-1R2M
1.2
±20
10
70
48
56
3.5
5
SRP4012TA-1R5M
1.5
±20
10
62
55
63.3
3.0
4
SRP4012TA-2R2M
2.2
±20
10
58
69.2
80
2.8
3.5
SRP4012TA-3R3M
3.3
±20
10
41
84
97
2.3
3
SRP4012TA-4R7M
4.7
±20
10
35
128
145
2.0
2.5
SRP4012TA-5R6M
5.6
±20
10
30
180
208
1.7
2.3
SRP4012TA-6R8M
6.8
±20
10
28
300
360
1.5
1.7
SRP4012TA-8R2M
8.2
±20
10
25
313
376
1.4
1.6
SRP4012TA-100M
10.0
±20
10
23
410
463
1.3
1.4
How to Order
SRP4012TA - 100M
Model
Value Code (see table)
Electrical Schematic
Recommended Layout
5.2
(.205)
2.2
(.087)
2.4
(.094)
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of
this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Test Voltage ....................................1.0 V
Test Frequency ......................... 100 KHz
Operating Temperature
................................-
55 °C to +150 °C
(Temperature rise included)
Storage Temperature
................................-
55 °C to +150 °C
Rated Current
............ Inductance drops 20 % at Isat
Temperature Rise .....40 °C at rated Irms
Moisture Sensitivity Level
ESD Classification (HBM)
..................... 1
................. N/A
Note 1: Circuit design, component, PCB trace size
and thickness, airflow and other cooling provisions all
affect the part temperature. Part temperature should be
verified in the end application.
Core.............................Carbonyl powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging..... 4000 pcs. per 13-inch reel
Materials
General Specifications
Electrical Specifications @ 25 °C
Product Dimensions
Lead Frame Terminal
4.45 ± 0.25
(.175 ± .010)
1.0 ± 0.2
(.039 + .008)
4.06 ± 0.25
(.042 ± .010)
2.0 ± 0.2
(.079 ± .008)
0.76 ± 0.3
(.030 ± .012)
2R2
DIMENSIONS:
MM
(INCHES)
Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
Asia-Pacific:


Similar Part No. - SRP4012TA-R47M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP4012 BOURNS-SRP4012 Datasheet
312Kb / 2P
Shielded Power Inductors
SRP4012-1R0M BOURNS-SRP4012-1R0M Datasheet
312Kb / 2P
Shielded Power Inductors
SRP4012-1R2M BOURNS-SRP4012-1R2M Datasheet
312Kb / 2P
Shielded Power Inductors
SRP4012-1R5M BOURNS-SRP4012-1R5M Datasheet
312Kb / 2P
Shielded Power Inductors
SRP4012-R22M BOURNS-SRP4012-R22M Datasheet
312Kb / 2P
Shielded Power Inductors
More results

Similar Description - SRP4012TA-R47M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
SRP1270 Series - Shielded Power Inductors
SRP0312 BOURNS-SRP0312 Datasheet
222Kb / 5P
SRP0312 Series - Shielded Power Inductors
SRP1245C BOURNS-SRP1245C Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1265C BOURNS-SRP1265C Datasheet
680Kb / 5P
SRP1265C Series - Shielded Power Inductors
SRP3020C BOURNS-SRP3020C Datasheet
208Kb / 5P
SRP3020C Series ??Shielded Power Inductors
SRP0410 BOURNS-SRP0410 Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0412 BOURNS-SRP0412 Datasheet
671Kb / 5P
SRP0412 Series - Shielded Power Inductors
SRP0415 BOURNS-SRP0415 Datasheet
591Kb / 5P
SRP0415 Series - Shielded Power Inductors
REV. 04/21
SRP0512 BOURNS-SRP0512 Datasheet
583Kb / 5P
SRP0512 Series - Shielded Power Inductors
REV. 04/21
SRP1265WA BOURNS-SRP1265WA Datasheet
696Kb / 5P
SRP1265WA Series - Shielded Power Inductors
01/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com