Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4922-CL Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4922-CL
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922-CL Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4922-CL Datasheet HTML 17Page - Cirrus Logic CS4922-CL Datasheet HTML 18Page - Cirrus Logic CS4922-CL Datasheet HTML 19Page - Cirrus Logic CS4922-CL Datasheet HTML 20Page - Cirrus Logic CS4922-CL Datasheet HTML 21Page - Cirrus Logic CS4922-CL Datasheet HTML 22Page - Cirrus Logic CS4922-CL Datasheet HTML 23Page - Cirrus Logic CS4922-CL Datasheet HTML 24Page - Cirrus Logic CS4922-CL Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
CS4922
21
For normal SPI operation SCL/SCK, CS, CDIN,
CDOUT and REQ are used. SCL/SCK is the serial
clock input which is always driven by an external
device. CS is the active low enable signal. CDIN is
the control data input. CDOUT is the control data
output. REQ is the active low request signal, which
is driven low when there is valid data in the serial
control port output SCPOUT register.
As an SPI compatible port, data is communicated
on the CDIN and CDOUT pins and is clocked by
the rising edge of SCL/SCK. CS is used to select
the device on which the CDIN and CDOUT sig-
nals will be valid.
Figure 16 shows the relative timing necessary for
an SPI write operation of a single byte. A ‘write’ is
defined as the transfer of data from an SPI bus mas-
ter to the CS4922 serial control port via CDIN. A
transfer is initiated with CS being driven active
low. This is followed by a 7 bit address and a
read/write bit (set low for a write). For SPI mode,
this address is typically not used, however it is still
necessary to clock an address across the bus fol-
lowed by the read/write bit.
If a write to the CS4922 is specified, 8 bits of data
on CDIN will be shifted into the input shift register
as shown in Figure 13. When the shift register is
full, the 8 bit data is transferred to the Serial Con-
trol Port Input (SCPIN) register on the falling edge
of the 8th data bit.
If the DSP core of the CS4922 wants to send a byte
to the master, it first writes the byte to the Serial
Control Port Output (SCPOUT) register. A write
to the SCPOUT sets the request pin (REQ) active
low. The master must recognize the request and is-
sue a read operation to the DSP. Figure 17 shows
the relative timing of a single byte read. The master
must send the 7 bit address (if address checking is
enabled it must match the address in the SCPCN
register) and the read bit. After the falling edge of
SCL/SCK for the read/write bit, the serial shift reg-
ister is loaded with the byte to be sent and the most
significant bit is placed on the CDOUT line.
I C
2
Controller
SCL
SDA
Vcc
2k
Ω
2k
Ω
Vcc
CS4922
SCL/SCK
SDA
to other
I C
devices
2
Figure 15. I2C® Connection Diagram
CS
SCL/SCK
CS
SCL/SCK
CDIN
CDIN
AD6
AD5
AD4
AD3
AD2
AD1
AD0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Figure 16. Control Port Timing, SPI Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com